Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5952 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
-5
0
5
10
15
20
25
30
10
12
14
16
18
20
22
24
26
TIME (5ms / DIV)
Vin
Vout
Vgate
-50
0
50
100
150
200
250
10
12
14
16
18
20
22
24
26
TIME (50ns / DIV)
Vin
Vout
Vgate
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Unless otherwise stated: VVS = 12 V, VIN = 12 V, VOFF = 0 V, and TJ = 25°C
Figure 9. (VGATE - VIN) vs VIN, VVS = VOUT
Figure 10. (VGATE - VIN) vs VIN, VVS = VOUT
Figure 11. Forward CGATE Charge Time, CGATE = 47 nF
Figure 12. Reverse CGATE Discharge, CGATE = 47 nF
Figure 13. VGATE - VIN vs Temperature
Figure 14. tGATE(REV) vs Temperature
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5050-1 LM5050-1-Q1


Similar Part No. - LP5952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5952 NSC-LP5952 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
More results

Similar Description - LP5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com