Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54327DDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54327DDAR
Description  Output Single Synchronous Step-Down Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54327DDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54327DDAR Datasheet HTML 3Page - Texas Instruments TPS54327DDAR Datasheet HTML 4Page - Texas Instruments TPS54327DDAR Datasheet HTML 5Page - Texas Instruments TPS54327DDAR Datasheet HTML 6Page - Texas Instruments TPS54327DDAR Datasheet HTML 7Page - Texas Instruments TPS54327DDAR Datasheet HTML 8Page - Texas Instruments TPS54327DDAR Datasheet HTML 9Page - Texas Instruments TPS54327DDAR Datasheet HTML 10Page - Texas Instruments TPS54327DDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SW
VBST
EN
VFB
GND
VO
4
5
6
2
1
7
VIN
SS
VIN
VREG5
EN
Logic
SW
PGND
Protection
Logic
Ref
SS
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
8
VIN
Ceramic
Capacitor
3
SGND
SGND
PGND
PWM
+
-
+
OCP
+
-
VREG5
XCON
VREG5
Control Logic
1 shot
ON
TPS54327
www.ti.com
SLVSAG1C – DECEMBER 2010 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TPS54327 device is a 3-A synchronous step-down (buck) converter with two integrated N-channel
MOSFETs. It operates using D-CAP2 mode control. The fast transient response of D-CAP2 control reduces the
output capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use
of low ESR output capacitors including ceramic and special polymer types.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 PWM Operation
The main control loop of the TPS54327 is an adaptive ON-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2 mode control. D-CAP2 mode control combines constant on-time control with an
internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54327


Similar Part No. - TPS54327DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327DDAR TI1-TPS54327DDAR Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
More results

Similar Description - TPS54327DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
logo
Monolithic Power System...
MP2117 MPS-MP2117 Datasheet
779Kb / 12P
   1.25MHz, 2.2A Synchronous Step-Down Switcher
Rev. 0.92 6/20/2022
logo
Texas Instruments
TPS54327 TI1-TPS54327 Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
logo
Monolithic Power System...
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com