Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3702CX33QDDCRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702CX33QDDCRQ1
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX33QDDCRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3702CX33QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 9Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 10Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 11Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 12Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 13Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SENSE
GND
VDD
UV
OV
Reference
SET
Threshold
Logic
TPS3702-Q1
SBVS261B – APRIL 2015 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS3702-Q1 family of devices combines two comparators and a precision reference for overvoltage and
undervoltage detection. The TPS3702-Q1 features a wide supply voltage range (2 V to 18 V) and highly accurate
window threshold voltages (0.9% over temperature). The TPS3702-Q1 is designed for systems that require an
active low signal if the voltage from the monitored power supply exits the accuracy band. The outputs can be
pulled up to 18 V and can sink up to 10 mA.
Unlike many other window comparators, the TPS3702-Q1 includes the resistors used to set the overvoltage and
undervoltage thresholds internal to the device. These internal resistors allow for lower component counts and
greatly simplifies the design because no additional margins are needed to account for the accuracy of external
resistors.
The TPS3702-Q1 is designed to assert active low output signals when the monitored voltage is outside the
window band. The relationship between the monitored voltage and the states of the outputs is shown in Table 1.
Table 1. Truth Table
CONDITION
OUTPUT
STATUS
SENSE < VIT–(UV)
UV low
UV is asserted
SENSE > VIT–(UV) + VHYS
UV high
UV is high impedance
SENSE > VIT+(OV)
OV low
OV is asserted
SENSE < VIT+(OV) – VHYS
OV high
OV is high impedance
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3702-Q1


Similar Part No. - TPS3702CX33QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702CX33DDCR TI1-TPS3702CX33DDCR Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702CX33DDCT TI1-TPS3702CX33DDCT Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702CX33QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com