Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38852S-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38852S-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852S-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LP38852S-ADJ Datasheet HTML 1Page - Texas Instruments LP38852S-ADJ Datasheet HTML 2Page - Texas Instruments LP38852S-ADJ Datasheet HTML 3Page - Texas Instruments LP38852S-ADJ Datasheet HTML 4Page - Texas Instruments LP38852S-ADJ Datasheet HTML 5Page - Texas Instruments LP38852S-ADJ Datasheet HTML 6Page - Texas Instruments LP38852S-ADJ Datasheet HTML 7Page - Texas Instruments LP38852S-ADJ Datasheet HTML 8Page - Texas Instruments LP38852S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 PF Ceramic
COUT
10 PF
Ceramic
CBIAS
1 PF
GND
GND
LP38852-ADJ
ADJ
R1
R2
CFF
VEN
SS
CSS
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38852-ADJ
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
LP38852-ADJ 1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator With
Enable and Soft-Start
1 Features
3 Description
The LP38852-ADJ is a high-current, fast-response
1
Input VIN Range 0.93 V to 5.5 V
regulator
which
can
maintain
output
voltage
Adjustable VOUT Range 0.8 V to 1.8 V
regulation with extremely low input-to-output voltage
Wide VBIAS Supply Operating Range 3 V to 5.5 V
drop. Fabricated on a CMOS process, the device
operates from two input voltages: VBIAS provides
Dropout Voltage of 130 mV (Typical) at 1.5-A
voltage to drive the gate of the N-MOS power
Load Current
transistor, while VIN is the input voltage which
Precision Output Voltage Across All Line and
supplies power to the load. The use of an external
Load Conditions:
bias rail allows the part to operate from ultralow VIN
±1.5% VADJ for TJ = 25°C
voltages.
Unlike
bipolar
regulators,
the
CMOS
architecture
consumes
extremely
low
quiescent
±2% VADJ for 0°C ≤ TJ ≤ +125°C
current at any output load current. The use of an N-
±3% VADJ for –40°C ≤ TJ ≤ +125°C
MOS power transistor results in wide bandwidth, yet
Overtemperature and Overcurrent Protection
minimum external capacitance is required to maintain
loop stability.
Stable with 10-µF Ceramic Capacitors
Available in 7-pin TO-220, 7-Pin DDPAK/TO-263,
The fast transient response of this device makes it
and 8-Pin SO PowerPAD™ Packages
suitable for use in powering DSP, microcontroller core
voltages,
and
switch-mode
power
supply
post-
−40°C to +125°C Operating Junction Temperature
regulators.
Range
Dropout Voltage: 130 mV (typical) at 1.5-A load
2 Applications
current.
ASIC Power Supplies In:
Low Ground Pin Current: 10 mA (typical) at 1.5-A
load current.
Desktops, Notebooks, and Graphics Cards,
Servers
Soft Start: Programmable soft-start time.
Gaming Set Top Boxes, Printers and Copiers
Device Information(1)
Server Core and I/O Supplies
PART
PACKAGE
BODY SIZE (NOM)
DSP and FPGA Power Supplies
NUMBER
SMPS Post-Regulator
DDPAK/TO-263 (7)
10.10 mm × 8.89 mm
LP38852-ADJ
TO-220 (7)
14.986 × 10.16 mm
SO PowerPAD (8)
4.89 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38852S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38852S-ADJ NSC-LP38852S-ADJ Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ/NOPB TI1-LP38852S-ADJ/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results

Similar Description - LP38852S-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com