Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP690RCN Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP690RCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690RCN Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP690RCN Datasheet HTML 6Page - Sipex Corporation SP690RCN Datasheet HTML 7Page - Sipex Corporation SP690RCN Datasheet HTML 8Page - Sipex Corporation SP690RCN Datasheet HTML 9Page - Sipex Corporation SP690RCN Datasheet HTML 10Page - Sipex Corporation SP690RCN Datasheet HTML 11Page - Sipex Corporation SP690RCN Datasheet HTML 12Page - Sipex Corporation SP690RCN Datasheet HTML 13Page - Sipex Corporation SP690RCN Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
10
Figure 16A. SP805L RESET Response Time
Figure 16B. Circuit for the SP805 RESET Response
Time
GND
RESET
VCC
330pF
VCC
10K
VCC
Figure 17B. Circuit for the Power-Fail Comparator
Response Time (fall)
Figure 17A. Power-Fail Comparator Response Time (fall)
30pF
1K
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
Figure 18A. Power-Fail Comparator Response Time (rise)
Figure 18B. Circuit for the Power-Fail Comparator
Response Time (rise)
30pF
1K
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
0V
PFI
1.3V
1.2V
5V
500ns / div
PFO
V
CC= 5V
= 0
V
BATTERY
2
1
T
1
1.3V
1.2V
V
CC= 5
= 0
V
BATTERY
PFI
PFO
500ns / div
0V
[
T
]
1
T
V
CC
1V / div
3.1V
2V
10
µs / div
RESET


Similar Part No. - SP690RCN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690RCN SIPEX-SP690RCN Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690RCN SIPEX-SP690RCN Datasheet
216Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP690RCN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690SEN-L SIPEX-SP690SEN-L Datasheet
223Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T_06 Datasheet
216Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com