Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP784CT Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP784CT
Description  Programmable Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP784CT Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP784CT Datasheet HTML 7Page - Sipex Corporation SP784CT Datasheet HTML 8Page - Sipex Corporation SP784CT Datasheet HTML 9Page - Sipex Corporation SP784CT Datasheet HTML 10Page - Sipex Corporation SP784CT Datasheet HTML 11Page - Sipex Corporation SP784CT Datasheet HTML 12Page - Sipex Corporation SP784CT Datasheet HTML 13Page - Sipex Corporation SP784CT Datasheet HTML 14Page - Sipex Corporation SP784CT Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
SHUTDOWN MODE
The internal oscillator of the SP782 and SP784
can be shutdown through the SD pin. In this
state, the V
DD and VSS outputs are inactive and
the power supply current reduces to 10
µA.
LATCH ENABLE PIN
The SP782 and SP784 includes a control pin
(LAT) that latches the D0 and D1 control lines.
Connecting this pin to a logic HIGH state will
allow transparent operation of the D0 and D1
control lines. This input can be left floating
since there is an internal pull-up resistor which
will allow the latch to be transparent.
APPLICATIONS INFORMATION
The SP782 and SP784 can be used in various
applications where
±10V is needed from a +5V
source. Analog switches, op-amp power sup-
plies, and LCD biasing are some applications
where the charge pumps can be used.
The charge pump can also be used for supplying
voltage rails for RS-232 drivers needing
±12V.
The
±10V output from the charge pump is more
than adequate to provide the proper V
OH and
V
OL levels at the driver output.
Figure 8 shows how the SP784 can be used
in conjunction with the SP524 multiprotocol
transceiver IC. The programmability is ideal for
RS-232 and RS-423 levels. The RS-232 driver
output voltage swing ranges from
±5V to ±15V.
In order to meet this requirement, the charge
pump must generate
±10V to the transceiver IC.
The RS-423 driver output voltage range is
±4.0V to ±6.0V. When the SP524 transceiver is
programmed to RS-423 mode (V.10), the charge
pump now provides
±5V, through D0 and D1,
thus allowing the driver outputs to comply with
V
OC ≤ 6.0V as well as the VT requirement of
±4.0V minimum with a 450Ω load to ground.
In older configurations, separate DC sources
needed to be configured or regulated down from
±10V to ±5V in a given application. A typical
charge pump providing V
DD and VSS would
require external clamping such as 5V Zener
diodes.
RS-423 (V.10) is usually found in
RS-449, EIA-530, EIA-530A, and V.36 modes.
When the control lines D0 and D1 are both at a
logic HIGH, V
DD = +5V and VSS = -5V. All
other inputs to the control lines result in V
DD =
+10V and V
SS = -10V. Control of the SP784 in
an application with Sipex's SP524 can be found
in Figure 8.


Similar Part No. - SP784CT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP784CT SIPEX-SP784CT Datasheet
224Kb / 16P
   Programmable Charge Pump
More results

Similar Description - SP784CT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
   Programmable Charge Pump
logo
Semtech Corporation
SC1464 SEMTECH-SC1464 Datasheet
104Kb / 10P
   60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
   Charge Pump
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
Maxim Integrated Produc...
MAX5008 MAXIM-MAX5008 Datasheet
225Kb / 7P
   Regulated 5V USB Charge Pump with Programmable Current Limit
Rev 0; 4/02
logo
Sanken electric
SPF6001 SANKEN-SPF6001 Datasheet
133Kb / 1P
   Charge pump circuit
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Micrel Semiconductor
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
   IttyBitty Charge Pump
logo
Sanken electric
SPF6102 SANKEN-SPF6102 Datasheet
219Kb / 1P
   Charge pump circuit
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com