Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS35-B15521 Datasheet(PDF) 2 Page - SICK AG

Part # DS35-B15521
Description  MID RANGE DISTANCE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS35-B15521 Datasheet(HTML) 2 Page - SICK AG

  DS35-B15521 Datasheet HTML 1Page - SICK AG DS35-B15521 Datasheet HTML 2Page - SICK AG DS35-B15521 Datasheet HTML 3Page - SICK AG DS35-B15521 Datasheet HTML 4Page - SICK AG DS35-B15521 Datasheet HTML 5Page - SICK AG DS35-B15521 Datasheet HTML 6Page - SICK AG DS35-B15521 Datasheet HTML 7Page - SICK AG DS35-B15521 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS35-B15521 | Dx35
MID RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-19 03:03:08
Subject to change without notice
Ordering information
Type
Part no.
DS35-B15521
1057654
Other models and accessories
www.sick.com/Dx35
Detailed technical data
Performance
Measuring range
50 mm ... 12,000 mm, 90 % remission 1) 2)
50 mm ... 5,300 mm, 18 % remission
50 mm ... 3,100 mm, 6 % remission
Resolution
0.1 mm
Repeatability
0.5 mm ... 5 mm 3) 2) 4)
Accuracy
Typ. ± 10 mm 4)
Response time
4.5 ms / 12.5 ms / 24.5 ms / 48.5 ms / 192.5 ms 5) 6)
Switching frequency
166 Hz/50 Hz/25 Hz/12 Hz/3 Hz 5) 6)
Output time
2 ms/4 ms/8 ms/16 ms/64 ms 7) 5)
Light source
Laser, red 8)
Laser class
1 (EN 60825-1)
Typ. light spot size (distance)
15 mm x 15 mm (at 2 m)
Additional function
Set speed: Super Fast ... Super Slow, Switching mode: Distance to Object (DtO) / switching win-
dow / object between sensor and background (ObSB), teach-in of switching output and switch-
ing output invertible, IO-Link, Multifunctional input: laser off / external teach / deactivated, re-
set to factory default
Laser service life (MTTF at 25 °C)
100,000 h
1) For speed setting Slow.
2) See characteristic curves repeatability.
3) Equivalent to 1 σ.
4) 6 % ... 90 % remission.
5) Depending on the set speed: Super Fast ... Super Slow.
6) Lateral entry of the object into the measuring range.
7) Continuous change of distance in measuring range.
8) Wavelength: 658 nm; max. output: 250 mW; pulse duration: 3 ns; duty cycle: 1/500.


Similar Part No. - DS35-B15521

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS35-B15221 SICK-DS35-B15221 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS35-B15821 SICK-DS35-B15821 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS35-B15521

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com