Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM18PN2R2MDHD Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM18PN2R2MDHD
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM18PN2R2MDHD Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM18PN2R2MDHD Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM18PN2R2MDHD Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQM18PN2R2MDH#
# indicates a package specification code.
< List of part numbers with package codes >
LQM18PN2R2MDHD , LQM18PN2R2MDHB
Shape
L size
1.6 ±0.15mm
W size
0.8 ±0.15mm
T size
0.6 ±0.15mm
Size code in inch (mm)
0603 (1608)
Specifications
Inductance
2.2µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
250mA(Max) / 300mA(Typ.)
Rated current (Itemp) (Based on Temperature rise)
650mA(Max) / 800mA(Typ.)
Max. of DC resistance
0.475Ω
Avg. of DC resistance
0.38Ω(typ.)
Self resonance frequency (min.)
60MHz
Operating temperature range
-40∼85℃
Class of magnetic shield
Magnetic shield of ferrite
Notes
When applied Rated Current to the products, Inductance will be within ±30% of
initial Inductance value range.
When applied Rated Current to the products, temperature rise caused by
self-generated heat shall be limited to 40℃max.
Keep the temperature (ambient temperature plus self-generation of heat) under
125℃.
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
4000
Packing in bulk
1000
Mass (Typ.)
1 piece
0.004g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/20


Similar Part No. - LQM18PN2R2MDHD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18PN2R2MFH MURATA-LQM18PN2R2MFH Datasheet
81Kb / 2P
   Inductor
LQM18PN2R2MFHB MURATA-LQM18PN2R2MFHB Datasheet
81Kb / 2P
   Inductor
LQM18PN2R2MFHD MURATA-LQM18PN2R2MFHD Datasheet
81Kb / 2P
   Inductor
logo
Murata Manufacturing Co...
LQM18PN2R2MFHD MURATA1-LQM18PN2R2MFHD Datasheet
310Kb / 8P
   CHIP COILS (CHIP INDUCTORS)
logo
Murata Manufacturing Co...
LQM18PN2R2MFR MURATA-LQM18PN2R2MFR Datasheet
81Kb / 2P
   Inductor
More results

Similar Description - LQM18PN2R2MDHD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com