Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ7101-EVB Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQQ7101-EVB
Description  Band 1 BAW Duplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ7101-EVB Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQQ7101-EVB Datasheet HTML 4Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 5Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 6Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 7Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 8Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 9Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 10Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 11Page - TriQuint Semiconductor TQQ7101-EVB Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TQQ7101
Band 1 BAW Duplexer
Datasheet: Rev E 12-03-15
- 10 of 12 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.triquint.com / www.qorvo.com
Tape and Reel Information
– Carrier and Cover Tape Dimensions
Tape and reel specifications for this part are also available on the TriQuint website.
Standard T/R
size = 2500 pieces on a 7” reel.
Feature
Measure
Symbol
Size (in)
Size (mm)
Cavity
Length
A0
0.132
3.35
Width
B0
0.132
3.35
Depth
K0
0.055
1.40
Pitch
P1
0.157
4.00
Centerline
Distance
Cavity to Perforation - Length Direction
P2
0.079
2.00
Cavity to Perforation - Width Direction
F
0.138
3.50
Cover Tape
Width
C
0.213
5.40
Carrier Tape
Width
W
0.315
8.00
User Direction of Feed


Similar Part No. - TQQ7101-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7301 QORVO-TQQ7301 Datasheet
660Kb / 8P
   Band 1 Uplink BAW Filter
TQQ7301-EVB QORVO-TQQ7301-EVB Datasheet
660Kb / 8P
   Band 1 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ7303 TRIQUINT-TQQ7303 Datasheet
370Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
logo
Qorvo, Inc
TQQ7303 QORVO-TQQ7303 Datasheet
645Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ7303-EVB TRIQUINT-TQQ7303-EVB Datasheet
370Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
More results

Similar Description - TQQ7101-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
logo
TriQuint Semiconductor
TQM976027 TRIQUINT-TQM976027_15 Datasheet
106Kb / 1P
   Band 7 BAW Duplexer
TQQ6107 TRIQUINT-TQQ6107 Datasheet
751Kb / 11P
   Band 7 BAW Duplexer
logo
Qorvo, Inc
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
   Band 7 BAW Duplexer
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
logo
Qorvo, Inc
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
   LTE Band 1 BAW Duplexer for Small Cells
QPQ1297 QORVO-QPQ1297_V01 Datasheet
879Kb / 15P
   FDD Band 3 BAW Duplexer
April 8, 2022
logo
TriQuint Semiconductor
QPQ1289 TRIQUINT-QPQ1289 Datasheet
822Kb / 11P
   LTE Band 4 / 10 / 66 BAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com