Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ6107 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQQ6107
Description  Band 7 BAW Duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ6107 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQQ6107 Datasheet HTML 1Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 2Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 3Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 4Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 5Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 6Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 7Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 8Page - TriQuint Semiconductor TQQ6107 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TQQ6107
Band 7 BAW Duplexer
Preliminary Datasheet: Rev B 11-03-15
- 1 of 11 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
 / www.qorvo.com
RFMD + TriQuint = Qorvo
Applications
 Band 7 Duplexer for Small cell BTS
 General Purpose Wireless
Functional Block Diagram
Top View
Product Features
 70 MHz Bandwidth
 High Attenuation
 Low Loss
 No External Matching Required
 Small Size: 2.0 x 2.5 x 1.0 mm
 Surface Mount Device
 RoHS Compliant, Pb-Free
General Description
The TQQ6107 is an exceptionally high performance BAW
duplexer for Band 7. This filter is housed in a compact
2
 x 2.5 mm package.
Low insertion loss, coupled with high attenuation makes
this filter an ideal choice for small cell BTS needs.
Pin Configuration
Pin No.
Label
1
Downlink
3
Uplink
6
ANT
2, 4, 5, 7, 8, 9
GND
Ordering Information
Part No.
Description
TQQ6107
Band 7 Duplexer
TQQ6107-PCB
Evaluation Board
Standard T/R size = 2500 pieces on a 7" reel
9 Pin
2 x 2.5 mm leadless SMT Package


Similar Part No. - TQQ6107

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ6103 QORVO-TQQ6103 Datasheet
596Kb / 11P
   Band 3 Duplexer
TQQ6103-EVB QORVO-TQQ6103-EVB Datasheet
596Kb / 11P
   Band 3 Duplexer
More results

Similar Description - TQQ6107

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQM976027 TRIQUINT-TQM976027_15 Datasheet
106Kb / 1P
   Band 7 BAW Duplexer
logo
Qorvo, Inc
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
logo
Qorvo, Inc
QPQ1297 QORVO-QPQ1297_V01 Datasheet
879Kb / 15P
   FDD Band 3 BAW Duplexer
April 8, 2022
logo
TriQuint Semiconductor
QPQ1289 TRIQUINT-QPQ1289 Datasheet
822Kb / 11P
   LTE Band 4 / 10 / 66 BAW Duplexer
logo
Qorvo, Inc
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com