Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9113 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP9113
Description  1 Watt Linear Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9113 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP9113 Datasheet HTML 1Page - TriQuint Semiconductor TQP9113 Datasheet HTML 2Page - TriQuint Semiconductor TQP9113 Datasheet HTML 3Page - TriQuint Semiconductor TQP9113 Datasheet HTML 4Page - TriQuint Semiconductor TQP9113 Datasheet HTML 5Page - TriQuint Semiconductor TQP9113 Datasheet HTML 6Page - TriQuint Semiconductor TQP9113 Datasheet HTML 7Page - TriQuint Semiconductor TQP9113 Datasheet HTML 8Page - TriQuint Semiconductor TQP9113 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TQP9113
1 Watt Linear Amplifier
Advanced Data Sheet: Rev. F 10-23-15
- 1 of 13 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.triquint.com / www.qorvo.com
Applications
 Wireless Infrastructure
 FDD / TDD Base Stations
 Repeaters, Boosters, DAS
 High Power Amplifiers
20-Pin 4
 x 4 mm Leadless QFN Package
Functional Block Diagram
Top View
Product Features
 1800 – 2700 MHz Frequency Range
 27.6 dB Gain
 +41 dBm Output IP3
 +30.6 dBm P1dB
 +5 V supply, 215 mA Current
 Internal Input and Interstage Matching
 Bias Adjustable
 Power down functionality for TDD systems
Pin Configuration
Pin No.
Label
1, 5, 7, 9, 10, 11, 15, 17, 19
NC
2, 3, 4
RF in
6
IREF1
8
IREF2
12, 13, 14
RF out
16
VBIAS
18
VCC2
20
VCC1
Backside Pad
GND
General Description
The TQP9113 is a 1 W, linear, two-stage driver amplifier
in a low-cost surface-mount package. The amplifier is
able to achieve high performance with +41
 dBm OIP3 and
+30.6
 dBm P1dB while only consuming 215 mA current.
The input is internally matched and the amplifier only
requires only a few external components for operation.
The integrated interstage match minimizes performance
variation that would otherwise be attributed to external
matching component value and placement tolerances.
The TQP9113 is bias adjustable allowing the amplifier’s
power consumption to be reduced for occasions when
linear performance is not required. The amplifier can also
switched on and off for TDD applications. The output
match is tunable externally to allow the amplifier to be
optimized for high power or high linearity applications.
The TQP9113 is available in a RoHS-compliant 20-pin
4 x 4 mm surface mount package.
Ordering Information
Part No.
Description
TQP9113
1800
 – 2700 MHz Linear Amplifier
TQP9113-PCB2140
1800
 – 2200 MHz Evaluation Board
TQP9113-PCB2600
2300
 – 2700 MHz Evaluation Board
Standard T/R size = 2,500 pieces on a 13” reel
1
2
3
4
5
15
14
13
12
11
Exposed
Backside Pad
GND
Pin 1
Reference Mark
Package Topside
NC
RFin
RFin
RFin
NC
NC
RFout
RFout
RFout
NC


Similar Part No. - TQP9113

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9113 QORVO-TQP9113 Datasheet
774Kb / 15P
   1 W Linear Amplifier
TQP9113** QORVO-TQP9113* Datasheet
774Kb / 15P
   1 W Linear Amplifier
TQP9113-PCB2140 QORVO-TQP9113-PCB2140 Datasheet
774Kb / 15P
   1 W Linear Amplifier
TQP9113-PCB2600 QORVO-TQP9113-PCB2600 Datasheet
774Kb / 15P
   1 W Linear Amplifier
More results

Similar Description - TQP9113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
   2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Motorola, Inc
CA2832C MOTOROLA-CA2832C Datasheet
99Kb / 4P
   35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
logo
Qorvo, Inc
TQP9113 QORVO-TQP9113 Datasheet
774Kb / 15P
   1 W Linear Amplifier
logo
Stealth Microwave, Inc.
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
SM2023-47L STEALTH_MICROWAVE-SM2023-47L Datasheet
128Kb / 2P
   2000-2300MHz 50 Watt Linear Power Amplifier
logo
National Semiconductor ...
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com