Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9111-PCB2140 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TQP9111-PCB2140
Description  1.8 ??2.7 GHz 2 Watt Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9111-PCB2140 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TQP9111-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 10Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 11Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TQP9111
1.8 – 2.7 GHz 2 Watt Power Amplifier
Advanced Data Sheet: Rev. E 09-17-15
- 11 of 12 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.Qorvo.com / www.qorvo.com
Package Marking and Dimensions
Marking: Part number
– TQP9111
Date - YYWW
Lot code
– AaXXXX
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Dimension and tolerance formats conform to ASME Y14.4M-1994.
3. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
A3H
D000000
D000000
00:00
TOP
SIDE
/
TriQuint
Reach Further - Reach faster
04.00mm X 04.00mm, 4 LAYER
TOP
VIEW
SIDE
VIEW
A3H
D000000
D000000
00:00
BOT
BOTTOM PINS
TriQuint
Reach Further - Reach faster
04.00mm X 04.00mm, 4 LAYER
BOTTOM
VIEW
BOTTOM PINS
VIEW
1
2
3
4
5
6
8
9
7
10
11
13
15
17
19
20
12
14
16
18
(1X) shape
0.10
C A B
TQP9109
TQP9111
YYWW
AaXXXX


Similar Part No. - TQP9111-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9111-PCB2140 QORVO-TQP9111-PCB2140 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
More results

Similar Description - TQP9111-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
   GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
HMC-C008 HITTITE-HMC-C008 Datasheet
829Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_17 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com