Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0BQ-3N0-10 Datasheet(PDF) 4 Page - Semikron International

Part # C0BQ-3N0-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0BQ-3N0-10 Datasheet(HTML) 4 Page - Semikron International

  C0BQ-3N0-10 Datasheet HTML 1Page - Semikron International C0BQ-3N0-10 Datasheet HTML 2Page - Semikron International C0BQ-3N0-10 Datasheet HTML 3Page - Semikron International C0BQ-3N0-10 Datasheet HTML 4Page - Semikron International C0BQ-3N0-10 Datasheet HTML 5Page - Semikron International C0BQ-3N0-10 Datasheet HTML 6Page - Semikron International C0BQ-3N0-10 Datasheet HTML 7Page - Semikron International C0BQ-3N0-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
28.01.2015
C0BQ SERIES
7. CHARACTERISTICS CURVES :
CERAMIC CHIP INDUCTORS
Impedance v.s. Frequency Characteristics
1
1 0
100
1000
10000
FREQUENCY(MHz)
0. 1
1
10
100
1000
10000
HCI0603BQ Z VS Fr eq.
3.3n
6.8n
10n
22n
1
1 0
100
1 000
10000
FREQUENCY(MHz)
0. 1
1
10
100
1000
HCI0603BQ L VS Freq.
3.3n
6.8n
10n
22n
Inductance v.s. Frequency Characteristics
1
1 0
100
1000
10000
FREQUENCY(MHz)
1
10
100
HCI0603BQ Q VS Freq.
3.3n
6.8n
10n
22n
Q v.s. Frequency Characteristics


Similar Part No. - C0BQ-3N0-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C0BQ-3N0-10 SUPERWORLD-C0BQ-3N0-10 Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0BQ-3N0-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com