Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0-27NJ-10 Datasheet(PDF) 4 Page - Semikron International

Part # C0-27NJ-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0-27NJ-10 Datasheet(HTML) 4 Page - Semikron International

  C0-27NJ-10 Datasheet HTML 1Page - Semikron International C0-27NJ-10 Datasheet HTML 2Page - Semikron International C0-27NJ-10 Datasheet HTML 3Page - Semikron International C0-27NJ-10 Datasheet HTML 4Page - Semikron International C0-27NJ-10 Datasheet HTML 5Page - Semikron International C0-27NJ-10 Datasheet HTML 6Page - Semikron International C0-27NJ-10 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
26.01.2015
C0 SERIES
8. SOLDERING AND MOUNTING :
8-1. Recommended PC Board Pattern
L
G
CERAMIC CHIP INDUCTORS
0.20~0.30
GH
Unit:m/m
0.80
L
0.25~0.40
8-2.2 Soldering Iron :
8-2.1 Lead Free Solder Re-flow :
cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Mildly activated rosin fluxes are preferred. The terminations are suitable for re-flow soldering systems. If hand soldering
Recommended temperature profiles for lead free re-flow soldering in Figure 1. (Refered to J-STD-020C)
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. If a
a) Preheat circuit and products to 150° C.
b) 350° C tip temperature for Ferrite chip bead (max)
c) Never contact the ceramic with the iron tip
soldering iron must be employed the following precautions are recommended. for Iron Soldering in Figure 2.
Note :
8-2. Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4-5 secs.
d) 1.0mm tip diameter (max)
mechanical stress when warping the board.
PC board should be designed so that products can prevent damage from
Preheating
TP(260° C/40s max.)
60~180s
480s max.
Figure 1. Re-flow Soldering:3 times max
150
25
200
217
Time(sec.)
Within4~5s
Gradual
Cooling
Over 60s.
Figure 2. Wave Soldering:1 times max
cooling
60~150s
20~40s
Soldering
Natural
cooling
150
350
Preheating
Soldering
Natural
Re-flow soldering temperatures below 240 degrees, there will be non-wetting risk
If wave soldering is used ,there will be some risk.
Note.


Similar Part No. - C0-27NJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C0-27NJ-10 SUPERWORLD-C0-27NJ-10 Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0-27NJ-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com