Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGP2615-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGP2615-SM
Description  15-19 GHz 6-Bit Digital Phase Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2615-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGP2615-SM Datasheet HTML 2Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 3Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 4Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 5Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 6Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 7Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 8Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 9Page - TriQuint Semiconductor TGP2615-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TGP2615-SM
15-19 GHz 6-Bit Digital Phase Shifter
Preliminary Datasheet: rev- 05-13-2015
- 6 of 11 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Typical Performance
20
22
24
26
28
30
15
16
17
18
19
Frequency (GHz)
Input P1dB vs Frequency
Major Phase States, -40 oC, V
REF = 3.3 V
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg
20
22
24
26
28
30
15
16
17
18
19
Frequency (GHz)
Input P1dB vs Frequency
Major Phase States, 25 oC, V
REF = 3.3 V
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg
20
22
24
26
28
30
15
16
17
18
19
Frequency (GHz)
Input P1dB vs Frequency
Major Phase States, 85 oC, V
REF = 3.3 V
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg
20
22
24
26
28
30
32
15
16
17
18
19
Frequency (GHz)
Input P1dB vs Frequency
Major Phase States, 25 oC, V
REF = 5.0 V
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg
Test Limit: P
IN = 30 dBm


Similar Part No. - TGP2615-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2615 TRIQUINT-TGP2615 Datasheet
382Kb / 9P
   15- to 19-GHz 6-Bit Digital Phase Shifter
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
   15- to 19-GHz 6-Bit Digital Phase Shifter
More results

Similar Description - TGP2615-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
   15- to 19-GHz 6-Bit Digital Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010166 MA-COM-MAPS-010166 Datasheet
671Kb / 7P
   Digital Phase Shifter 6-Bit, 8.0 - 12.0 GHz
MAPS-010164 MA-COM-MAPS-010164 Datasheet
663Kb / 7P
   Digital Phase Shifter 6-Bit, 2.3 - 3.8 GHz
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com