Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL4203 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGL4203
Description  50 GHz Wideband Analog Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL4203 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGL4203 Datasheet HTML 1Page - TriQuint Semiconductor TGL4203 Datasheet HTML 2Page - TriQuint Semiconductor TGL4203 Datasheet HTML 3Page - TriQuint Semiconductor TGL4203 Datasheet HTML 4Page - TriQuint Semiconductor TGL4203 Datasheet HTML 5Page - TriQuint Semiconductor TGL4203 Datasheet HTML 6Page - TriQuint Semiconductor TGL4203 Datasheet HTML 7Page - TriQuint Semiconductor TGL4203 Datasheet HTML 8Page - TriQuint Semiconductor TGL4203 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
5
August 2011 © Rev -
TGL4203
Typical Attenuator Input TOI vs. Attenuation
0
5
10
15
20
25
30
35
-10
-8-6-4-2
0
2
4
6
8
10
Pin/tone (dBm)
0dB
3dB
6dB
10dB
17dB
Freq = 20GHz
0
5
10
15
20
25
30
35
-10
-8-6
-4-2
0
2
4
6
8
10
Pin/tone (dBm)
0dB
3dB
6dB
10dB
17dB
Freq = 30GHz


Similar Part No. - TGL4203

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203-SM TRIQUINT-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
More results

Similar Description - TGL4203

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
Hittite Microwave Corpo...
HMC650 HITTITE-HMC650 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Mini-Circuits
24F-24F MINI-24F-24F Datasheet
168Kb / 2P
   Ultra-wideband, DC-50 GHz
24F-24M MINI-24F-24M Datasheet
171Kb / 2P
   Ultra-wideband, DC-50 GHz
24M-24M MINI-24M-24M Datasheet
229Kb / 2P
   Ultra-wideband, DC-50 GHz
logo
TriQuint Semiconductor
TGL8784-SCC TRIQUINT-TGL8784-SCC_15 Datasheet
478Kb / 14P
   2 - 20 GHz Analog Attenuator
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com