Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL2927-SM_EVB Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGL2927-SM_EVB
Description  2 ??4 GHz 200 Watt VPIN Limiter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2927-SM_EVB Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGL2927-SM_EVB Datasheet HTML 1Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 2Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 3Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 4Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 5Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 6Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 7Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 8Page - TriQuint Semiconductor TGL2927-SM_EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TGL2927-SM
2 – 4 GHz 200 Watt VPIN Limiter
Datasheet: Rev - 06-26-15
- 9 of 9 -
Disclaimer: Subject to change without notice
© 2015 Qorvo
www.Qorvo.com
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.Qorvo.com
Tel:
+1.972.994.8465
Email: info-sales@Qorvo.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@Qorvo.com
Important Notice
The information contained herein is believed to be reliable. Qorvo makes no warranties regarding the information
contained herein. Qorvo assumes no responsibility or liability whatsoever for any of the information contained herein.
Qorvo assumes no responsibility or liability whatsoever for the use of the information contained herein. The information
contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information
is entirely with the user. All information contained herein is subject to change without notice. Customers should obtain
and verify the latest relevant information before placing orders for Qorvo products. The information contained herein
or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any
other intellectual property rights, whether with regard to such information itself or anything described by such
information.
Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or
death.


Similar Part No. - TGL2927-SM_EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2927-SM_EVB QORVO-TGL2927-SM_EVB Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
More results

Similar Description - TGL2927-SM_EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2927-SM QORVO-TGL2927-SM Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
   0.1??0.0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2209-SM QORVO-TGL2209-SM Datasheet
536Kb / 9P
   8 ??12 GHz 50 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com