Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL2927-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGL2927-SM
Description  2 ??4 GHz 200 Watt VPIN Limiter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2927-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGL2927-SM Datasheet HTML 1Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 2Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL2927-SM Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TGL2927-SM
2 – 4 GHz 200 Watt VPIN Limiter
Datasheet: Rev - 06-26-15
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2015 Qorvo
www.Qorvo.com
Typical Performance
Test conditions unless otherwise noted: 25 °C, S-Parameters CW, Power Pulse Parameters: PW = 500 us, Duty Cycle = 15%
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Gain vs. Frequency vs. Temp.
-40 C
+25 C
+85 C
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Ouput Power vs. Input Power vs. Freq.
2.0 GHz
2.5 GHz
3.0 GHz
3.5 GHz
4.0 GHz
Temp. = 25 °C
CW Input Power
-30
-25
-20
-15
-10
-5
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Input Return Loss vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
10
11
12
13
14
15
16
17
18
19
20
29 31 33 35 37 39 41 43 45 47 49 51 53 55
Input Power (dBm)
Output Power vs. Input Power vs. Temp
-40 C
+25 C
+85 C
Frequency = 3.5 GHz
-30
-25
-20
-15
-10
-5
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Output Return Loss vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
10
11
12
13
14
15
16
17
18
19
20
29 31 33 35 37 39 41 43 45 47 49 51 53 55
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
3.0 GHz
3.5 GHz
4.0 GHz


Similar Part No. - TGL2927-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2927-SM QORVO-TGL2927-SM Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
TGL2927-SM_EVB QORVO-TGL2927-SM_EVB Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
More results

Similar Description - TGL2927-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2927-SM QORVO-TGL2927-SM Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
   0.1??0.0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2209-SM QORVO-TGL2209-SM Datasheet
536Kb / 9P
   8 ??12 GHz 50 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com