Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4959-SL Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4959-SL
Description  32Gb/s Differential Modulator Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4959-SL Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4959-SL Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TGA4959-SL
32Gb/s Differential Modulator Driver
Product Summary: Rev C 05/29//2012
- 1 of 1 -
Disclaimer: Subject to change without noticee
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
40 Gb/s Optical Market: DQPSK and DP-BPSK
Product Features
Typical Electrical Eye, 32 Gbps
40 Gb/s Performance
Differential Input and Output
Adjustable Output Amplitude, 6 Vpp – 9 Vpp
Low Additive RMS Jitter, 580 fsec
High Output Drive, 9 Vpp differential output with 1 Vpp
differential input
Gain, 24 dB at 16 GHz
Low DC Power Dissipation, 2.2 W for Vout = 8Vpp at
Vd=5 V
Rise and Fall Times 13 psec
Package Size: 10 x 7 x 2 mm
Vout = 8Vpp, Vin = 0.5 Vpp per side, Vd = 5V, Id = 428 mA
General Description
The TriQuint TGA4959-SL is a differential input and output
optical modulator driver designed to operate at frequencies
that target the 40 Gb/s optical market. The TGA4959-SL
consists of a wideband amplifier assembled in a surface mount
package combined with a minimum of external components.
A single TGA4959-SL placed between the MUX and Optical
Modulator provides OEMs with a differential modulator driver
surface mount solution.
The TGA4959-SL provides Metro and Long Haul designers
with system critical features such as: low power dissipation,
low rail ripple, high voltage drive capability (6 Vpp amplitude
adjustable up to 9 Vpp), and very low output jitter.
Several of the bias pins on the TGA4959-SL are internally set
to simplify the users PCB design. Alternatively, these same
pins can be adjusted by the user, if desired. Duplicate pins are
available to enable biasing from either side of the package and
the package can be operated with as few as four separate
power supplies, if desired.
The TGA4959-SL is RoHS compliant. Evaluation boards are
available upon request.
Typical S-Parameters
Vd = 5 V, Idtot = 428 mA,
Vc3 = 0.53 V, Vg2 = -0.9 V, Vg3 = -1.6 V
For more information, please contact TQS sales.
Web:
www.triquint.com
Tel: +1.972.994.8465
Email:
info-sales@tqs.com
Fax: +1.972.994.8504
Ordering Information
Part No.
ECCN
Description
TGA4959-SL
5A991.b
32 Gb/s Diff Mod Driver
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
0
5
10
15
20
25
30
35
Frequency (GHz)
Gain and Return Loss vs. Frequency
Differential Meas., Vd = 5 V, Id = 428 mA, 25 °C
Gain
IRL
ORL
Reference plane is at the connectors


Similar Part No. - TGA4959-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
More results

Similar Description - TGA4959-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4957-SM TRIQUINT-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
TGA4942-SL TRIQUINT-TGA4942-SL Datasheet
266Kb / 1P
   43Gb/s DPSK Modulator Driver
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
logo
TriQuint Semiconductor
TGA4947-MOD TRIQUINT-TGA4947-MOD_15 Datasheet
382Kb / 1P
   Quad channel 100Gb/s Modulator Driver
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com