Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12ACC12T4V10 Datasheet(PDF) 1 Page - Semikron International

Part # 12ACC12T4V10
Description  Twin 6-pack
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

12ACC12T4V10 Datasheet(HTML) 1 Page - Semikron International

  12ACC12T4V10 Datasheet HTML 1Page - Semikron International 12ACC12T4V10 Datasheet HTML 2Page - Semikron International 12ACC12T4V10 Datasheet HTML 3Page - Semikron International 12ACC12T4V10 Datasheet HTML 4Page - Semikron International 12ACC12T4V10 Datasheet HTML 5Page - Semikron International 12ACC12T4V10 Datasheet HTML 6Page - Semikron International 12ACC12T4V10 Datasheet HTML 7Page - Semikron International 12ACC12T4V10 Datasheet HTML 8Page - Semikron International 12ACC12T4V10 Datasheet HTML 9Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SKiiP 12ACC12T4V10
© by SEMIKRON
Rev. 5.0 – 20.11.2015
1
MiniSKiiP® 1
ACC
Twin 6-pack
SKiiP 12ACC12T4V10
Features
•Trench 4 IGBTs
• Robust and soft freewheeling diodes in
CAL technology
• Highly reliable spring contacts for
electrical connections
• UL recognised: File no. E63532
Typical Applications*
•4Q inverters
Remarks
• Max. case temperature limited to
TC=125°C
• Terminal distances sufficient for basic
insulation in 3-phase 480VAC TN
systems
• DC-link voltage VDC≤800V
• Max. 500V potential difference
between +rect and +DC
• Max. 500V potential difference
between -rect and -DC
• Temperature sensor: no basic
insulation to main circuit, signal
processing with reference to -DC
potential
• Please refer to MiniSKiiP “Technical
Explanations” and “Mounting
Instructions” for further information
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT 1 - 6
VCES
Tj =25°C
1200
V
IC
λpaste=0.8 W/(mK)
Tj = 175 °C
Ts =25°C
18
A
Ts =70°C
15
A
IC
λpaste=2.5 W/(mK)
Tj = 175 °C
Ts =25°C
19
A
Ts =70°C
16
A
ICnom
8A
ICRM
ICRM = 3 x ICnom
24
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
IGBT 7 - 12
VCES
Tj =25°C
1200
V
IC
λpaste=0.8 W/(mK)
Tj = 175 °C
Ts =25°C
28
A
Ts =70°C
23
A
IC
λpaste=2.5 W/(mK)
Tj = 175 °C
Ts =25°C
31
A
Ts =70°C
26
A
ICnom
15
A
ICRM
ICRM = 3 x ICnom
45
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Diode 1 - 6
VRRM
Tj =25°C
1200
V
IF
λpaste=0.8 W/(mK)
Tj = 150 °C
Ts =25°C
14
A
Ts =70°C
11
A
IF
λpaste=2.5 W/(mK)
Tj = 150 °C
Ts =25°C
15
A
Ts =70°C
12
A
IFnom
8A
IFRM
IFRM = 2xIFnom
16
A
IFSM
10 ms, sin 180°, Tj =150 °C
55
A
Tj
-40 ... 150
°C
Diode 7 - 12
VRRM
Tj =25°C
1200
V
IF
λpaste=0.8 W/(mK)
Tj = 175 °C
Ts =25°C
23
A
Ts =70°C
18
A
IF
λpaste=2.5 W/(mK)
Tj = 175 °C
Ts =25°C
24
A
Ts =70°C
20
A
IFnom
15
A
IFRM
IFRM = 3 x IFnom
45
A
IFSM
10 ms, sin 180°, Tj =150 °C
65
A
Tj
-40 ... 175
°C
Module
It(RMS)
20 A per spring
20
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50 Hz, 1 min
2500
V


Similar Part No. - 12ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12ACC12T4V10 ETC2-12ACC12T4V10 Datasheet
1Mb / 8P
   Highly reliable spring contacts for
More results

Similar Description - 12ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
Semikron International
35ACC12T4V10 SEMIKRON-35ACC12T4V10 Datasheet
276Kb / 4P
   Twin 6-pack
24ACC12T4V10 SEMIKRON-24ACC12T4V10 Datasheet
1Mb / 9P
   Twin 6-pack
23ACC12T4V10 SEMIKRON-23ACC12T4V10 Datasheet
1Mb / 9P
   Twin 6-pack
logo
PHOENIX CONTACT
1329499 PHOENIX-1329499 Datasheet
88Kb / 1P
   XTV 6-TWIN
3036466 PHOENIX-3036466 Datasheet
165Kb / 6P
   ST 6-TWIN
3036479 PHOENIX-3036479 Datasheet
165Kb / 6P
   ST 6-TWIN BU
1329516 PHOENIX-1329516 Datasheet
68Kb / 1P
   D-XTV 6-TWIN
3036482 PHOENIX-3036482 Datasheet
176Kb / 5P
   ST 6-TWIN-PE
logo
Semikron International
513GD172-3DULV3 SEMIKRON-513GD172-3DULV3 Datasheet
83Kb / 3P
   6-pack-integrated
603GD172-3DUWV3 SEMIKRON-603GD172-3DUWV3 Datasheet
77Kb / 2P
   6-pack-integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com