Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2594 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2594
Description  27-31GHz 5W GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2594 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2594 Datasheet HTML 4Page - TriQuint Semiconductor TGA2594 Datasheet HTML 5Page - TriQuint Semiconductor TGA2594 Datasheet HTML 6Page - TriQuint Semiconductor TGA2594 Datasheet HTML 7Page - TriQuint Semiconductor TGA2594 Datasheet HTML 8Page - TriQuint Semiconductor TGA2594 Datasheet HTML 9Page - TriQuint Semiconductor TGA2594 Datasheet HTML 10Page - TriQuint Semiconductor TGA2594 Datasheet HTML 11Page - TriQuint Semiconductor TGA2594 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TGA2594
27-31GHz 5W GaN Power Amplifier
Preliminary Datasheet: Rev A 01-08-14
- 11 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Assembly Notes
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment (i.e. epoxy) can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Reflow process assembly notes:
Use AuSn (80/20) solder and limit exposure to temperatures above 300
C to 3-4 minutes, maximum.
An alloy station or conveyor furnace with reducing atmosphere should be used.
Do not use any kind of flux.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonic are critical parameters.
Aluminum wire should not be used.
Devices with small pad sizes should be bonded with 0.0007-inch wire.


Similar Part No. - TGA2594

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2594-HMEVBP01 QORVO-TGA2594-HMEVBP01 Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
More results

Similar Description - TGA2594

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
IXYS Corporation
MMA-283136-R5 IXYS-MMA-283136-R5 Datasheet
2Mb / 13P
   28-31GHz 4W MMIC Power Amplifier
logo
Qorvo, Inc
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
logo
Qorvo, Inc
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
logo
ON Semiconductor
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com