Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZAH121-RB-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # ZAH121-RB-10
Description  FERRITE CHIP BEADS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

ZAH121-RB-10 Datasheet(HTML) 6 Page - Superworld Electronics

  ZAH121-RB-10 Datasheet HTML 1Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 2Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 3Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 4Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 5Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 6Page - Superworld Electronics ZAH121-RB-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
9-1. Reel Dimension
7" x 8mm
178.0± 2.0
B(mm)
50 or more
10± 1.5
A(mm)
Type
13.0± 0.2
C(mm)
D(mm)
9. PACKAGING INFORMATION :
2.0± 0.05
P(mm)
0.25± 0.04
Bo(mm)
0.45± 0.04
Ko(mm)
0.36max
Ao(mm)
t(mm)
0.36max
Material of taping is paper
D:1.5
+0.1
-0 .0
9-2 Tape Dimension / 8mm
28.01.2015
ZA SERIES
EMBOSSED CARRIER
A
COVER TAPE
2.0± 0.5
Po : 4± 0.1
PAo
Ko
t
FERRITE CHIP BEADS
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - ZAH121-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
ZAH121-RB-10 SUPERWORLD-ZAH121-RB-10 Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
ZAH121-RB-10 SUPERWORLD-ZAH121-RB-10 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
More results

Similar Description - ZAH121-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com