Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2G6001528-SG Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # T2G6001528-SG
Description  15W, 28V, DC ??6 GHz, GaN RF Power Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6001528-SG Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button T2G6001528-SG Datasheet HTML 3Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 4Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 5Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 6Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 7Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 8Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 9Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 10Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
T2G6001528-SG
15W, 28V, DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev A- 02-27-14
- 7 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Load Pull Smith Charts
(1, 2)
-0
.4
-0
.3
-0.2
-0.1
0.1
Load Pull
5GHz, 28V, 100mA, 25°C
42.99
42.33
41.73
41.18
41.18
40.68
60.8
56.8
53.2
49.9
46.9
44.2
41.7
11.17
10.61
10.11
9.644
9.224
8.492
Max P3dB is 43dBm
at Zl = 15.89-21.11i
Max PAE is 60.8%
at Zl = 8.22-20.29i
Max G3dB is 11.2dB
at Zl = 9-11.4i
Zs = 8.71-26.25i
Smith-Chart Zo = 50
P3dB
PAE3dB
G3dB
-0
.4
-0
.3
-0.2
-0.1
Load Pull
6GHz, 28V, 100mA, 25°C
43.03
42.4
41.83
41.3
40.82
40.39
60.67
60.67
57.06
53.76
50.76
48.03
45.55
9.968
9.522
9.522
9.968
9.522
9.116
9.116
Max P3dB is 43dBm
at Zl = 28.21-29.07i
Max PAE is 60.7%
at Zl = 7.13-29.9i
Max G3dB is 10dB
at Zl = 8.19-20.86i
Zs = 14.17-41.27i
Smith-Chart Zo = 50
P3dB
PAE3dB
G3dB


Similar Part No. - T2G6001528-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G6001528-Q3 TRIQUINT-T2G6001528-Q3 Datasheet
989Kb / 13P
   18W, 28V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
TriQuint Semiconductor
T2G6001528-Q3-EVB1 TRIQUINT-T2G6001528-Q3-EVB1 Datasheet
989Kb / 13P
   18W, 28V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3-EVB1 QORVO-T2G6001528-Q3-EVB1 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
More results

Similar Description - T2G6001528-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com