Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21215 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M21215
Description  SMPTE Coaxial Cable Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21215 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M21215 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Functional Description
21215-DSH-001-F
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
Table 1-3.
High-speed Signal Pins
Pin Name
Pin #
Function
Default
Type
DDI/DDI[3:0]
1,3,5,7,9,
11,13,15
Non-inverting and inverting high speed serial data inputs. Inputs are
compatible with PCML, LVDS, or LVPECL voltage levels.
100
Ω differential
I-High-speed
VDDI_TERM[3:0]
2,6,10,14
Input termination pin (center tap for 100
Ω)
Case 1: Tie to a positive supply for 50
Ω to supply terminal
Case 2: Leave floating and decouple to ground for 100
Ω differential
I-Low-speed
DDO/DDO
44,46
Non-inverting and inverting high speed serial data outputs.
100
Ω differential
O-High-speed
VDDO_TERM
45
Output termination pins (center tap for 100
Ω)
Tie to a positive supply for 50
Ω to supply terminal
O-Low-speed


Similar Part No. - M21215

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2121-3005-SS RAF-M2121-3005-SS Datasheet
89Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
logo
MTRONPTI
M212123B1N MTRONPTI-M212123B1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123B2N MTRONPTI-M212123B2N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123BAN MTRONPTI-M212123BAN Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123G1N MTRONPTI-M212123G1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
More results

Similar Description - M21215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
   SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
   SMPTE 259M / 344M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com