Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21215 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # M21215
Description  SMPTE Coaxial Cable Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21215 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M21215 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21215 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Functional Description
21215-DSH-001-F
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
1.2.2
Pin Descriptions
Table 1-1.
Control/Interface/Low-Speed Pins (1 of 3)
Pin Name
Pin #
Function
Default
Type
XTL_IN/XTL_IN
52,53
Reference clock or crystal input. Defaults to 14.140 MHz for GS1535
compatible operation at 3.3V. 12.00MHz parallel resonance or
14.140MHz series resonance crystals supported.
Internal pull up
I-Analog
XTL_OUT/XTL_OUT
50,51
Reference frequency output for chained reclocker applications
-
O-Analog
XTL_RATE/RSVD
56
Selects the crystal ref frequency
Low: 12.000 MHz parallel crystal input
High: 14.140 MHz serial crystal input (floating default)
Internal pull up
I-CMOS
IN_SEL[1:0]
18,17
Input control signal that selects the active high-speed serial input
00b: Select DDI0/DDI0
01b: Select DDI1/DDI1
10b: Select DDI2/DDI2
11b: Select DDI3/DDI3
Internal pull down
I-CMOS
ARD_EN
21
Input control signal that enables Auto Rate Detect (ARD) functionality or
manual rate setting mode.
ARD_EN = High: Auto Rate Detector (ARD) enabled,
ARD_EN = Low: Manual rate selection mode
Internal pull up
I-CMOS
ARD_FN[1:0]/RSVD
58,59
Input control signal used to select different ARD search orders to speed
up acquisition times. This is an added function mapped to two RSVD
pins on the GS1535. For existing designs, this function defaults to
GS1535 compatible operation
Sets the ARD search order and bit rates as follows:
ARD_FN[High: High]
Search order: 143
→177→270→360→540→1483.5/1485→Repeat
(floating default for GS1535 compatible operation)
ARD_FN[High: Low]
Search order: 270
→360→540→1483.5/1485→Repeat
ARD_FN[Low: High]
Search order: 270
→360→1485/1483.5→Repeat
ARD_FN[Low: Low]
Search order: 270
→1485/1483.5-→Repeat
Internal pull up
I-CMOS


Similar Part No. - M21215

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2121-3005-SS RAF-M2121-3005-SS Datasheet
89Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
logo
MTRONPTI
M212123B1N MTRONPTI-M212123B1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123B2N MTRONPTI-M212123B2N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123BAN MTRONPTI-M212123BAN Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123G1N MTRONPTI-M212123G1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
More results

Similar Description - M21215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
   SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
   SMPTE 259M / 344M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com