Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6420F-701K-F10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # W6420F-701K-F10
Description  PHONE LINE FILTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W6420F-701K-F10 Datasheet(HTML) 2 Page - Superworld Electronics

  W6420F-701K-F10 Datasheet HTML 1Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 2Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 3Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 4Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 5Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 6Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 7Page - Superworld Electronics W6420F-701K-F10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
W6420 SERIES
07.10.2014
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
Inductance
Part Number
(uH) ± 10%
W6420F-701K-F10
700
12
10
2.45
80
Test Frequency
(kHz)
SRF
MHz(min)
RDC
(Ω) ±10%
Rated current
(mA) max.
PHONE LINE FILTER


Similar Part No. - W6420F-701K-F10

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W640 LUMINIS-W640 Datasheet
202Kb / 4P
   Wall mount
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
W641GG2JB-14 WINBOND-W641GG2JB-14 Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
More results

Similar Description - W6420F-701K-F10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
Bothhand USA, LP.
HR5770 BOTHHAND-HR5770 Datasheet
156Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com