Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS5012FT6R8M Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS5012FT6R8M
Description  Low Profile Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5012FT6R8M Datasheet(HTML) 2 Page - Superworld Electronics

  SPS5012FT6R8M Datasheet HTML 1Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 2Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 3Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 4Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 5Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 6Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 7Page - Superworld Electronics SPS5012FT6R8M Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
SPS5012FT3R3N
Inductance
3.3± 30%
L( uH )
IDC1
( Ω )
0.1V/1M
0.16
2.0
( A )
RDC
IDC2
1.45
( A )
( Hz )
Frequency
Test
± 20%
SPS5012FT1R0N
1.0± 30%
0.1V/1M
70m
3.7
2.20
SWS Part No.
SPS5012FT4R7M
4.7± 20%
0.23
1.7
1.25
0.1V/1M
SPS5012FT2R2N
2.2± 30%
85m
2.5
2.00
0.1V/1M
SPS5012FT6R8M
6.8± 20%
0.30
1.2
1.10
0.1V/1M
SPS5012FT100M
10± 20%
0.43
1.1
0.90
0.1V/1M
SPS5012FT150M
15± 20%
0.62
0.9
0.75
0.1V/1M
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
3R3
1R0
4R7
2R2
6R8
100
150
SPS5012FT SERIES
Rated DC Current
19.08.2014
c) Rated DC Current: The less value which is IDC1 or IDC2.
b) IDC2 : Based on temperature rise ( T: 40°C TYP.)
a) IDC1 :Based on inductance change (ΔL/Lo: -30%) @ ambient temp. 25°C
e) Operating temp. : -40° C to +125° C ( include self temp. rise )
d) Storage temp. : -40° C to +105° C
f) Temperature and humidity conditions less than 40° C and 60% RH.
SPS5012FTR47N
0.47± 30%
0.1V/1M
53m
5.2
2.60
R47
SPS5012FT1R5N
1.5± 30%
0.1V/1M
85m
3.0
2.00
1R5
SPS5012FT220M
22± 20%
0.84
0.65
0.55
0.1V/1M
220
SPS5012FT330M
33± 20%
1.46
0.56
0.50
0.1V/1M
330
SPS5012FT470M
47± 20%
1.90
0.50
0.40
0.1V/1M
470


Similar Part No. - SPS5012FT6R8M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS5012FT6R8M SUPERWORLD-SPS5012FT6R8M Datasheet
242Kb / 5P
   Low Profile Power Inductors
More results

Similar Description - SPS5012FT6R8M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com