Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857C-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # BC857C-HF
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC857C-HF Datasheet(HTML) 5 Page - Comchip Technology

  BC857C-HF Datasheet HTML 1Page - Comchip Technology BC857C-HF Datasheet HTML 2Page - Comchip Technology BC857C-HF Datasheet HTML 3Page - Comchip Technology BC857C-HF Datasheet HTML 4Page - Comchip Technology BC857C-HF Datasheet HTML 5Page - Comchip Technology BC857C-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
General Purpose Transistor
Comchip Technology CO., LTD.
Page 5
REV:A
QW-JTR16
Company reserves the right to improve product design , functions and reliability without notice.
Reel Taping Specification
Reel Taping Specification
B
C
d
D
D2
D1
SOT-23
SYMBOL
A
(mm)
(inch)
2.142 ± 0.020
4.00 ± 0.10
1.50 ± 0.10
54.40 ± 0.50
13.00 ± 0.50
4.00 ± 0.10
2.00 ± 0.05
178.00 ± 1.00
0.059 ± 0.004
7.008 ± 0.039
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOT-23
3.15 ± 0.10
0.124 ± 0.004
2.77 ± 0.10
0.109 ± 0.004
1.22 ± 0.10
0.048 ± 0.004
12.50 ± 1.00
0.492 ± 0.039
8.00 + 0.30 / - 0.10
0.315 + 0.012 / - 0.004
XX
P1
P0
D1
D2
D
W1
W
0.157 ± 0.004


Similar Part No. - BC857C-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857C-13-F DIODES-BC857C-13-F Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
List of Unclassifed Man...
BC857C-3G ETC-BC857C-3G Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
BC857C-7 DIODES-BC857C-7 Datasheet
44Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
BC857C-7-F DIODES-BC857C-7-F Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Micro Commercial Compon...
BC857C-TP MCC-BC857C-TP Datasheet
102Kb / 3P
   PNP Small Signal Transistor310mW
More results

Similar Description - BC857C-HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com