Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BC857B-HF
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC857B-HF Datasheet(HTML) 2 Page - Comchip Technology

  BC857B-HF Datasheet HTML 1Page - Comchip Technology BC857B-HF Datasheet HTML 2Page - Comchip Technology BC857B-HF Datasheet HTML 3Page - Comchip Technology BC857B-HF Datasheet HTML 4Page - Comchip Technology BC857B-HF Datasheet HTML 5Page - Comchip Technology BC857B-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA= 25°C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:A
General Purpose Transistor
QW-JTR16
Company reserves the right to improve product design , functions and reliability without notice.
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base break
voltage
down
Collector cut-off current
Collector-Emitter saturation voltage
Unit
Symbol
Parameter
MIN
V(BR)CBO
V
CEO
(BR)
V(BR)EBO
ICBO
VCE(sat)
-80
-50
-30
-65
-45
-30
-5
-15
V
V
V
nA
Test Conditions
IC = -10μA , IE=0
IC = -10mA , IB=0
IE = -1μA , IC=0
VCB= -30V , IE=0
MAX
DC current gain
hFE
BC856A ,857A ,858A
BC856B ,857B ,858B
BC857C ,858C
VCE = -5V , IC= -2.2mA
250
475
800
-0.65
Base-Emitter saturation voltage
VBE(sat)
V
Transition frequency
fT
MHZ
100
VCE=-5V, IC=-10mA
f=100MHZ
BC856
BC858
BC857
BC856
BC858
BC857
125
220
420
V
IC =-100mA , IB=-5mA
IC =-10mA , IB=-0.5mA
-0.3
IC =-10mA , IB=-0.5mA
IC =-100mA , IB=-5mA
TYP
-1
-0.7
-0.85
Base-Emitter voltage
VBE(on)
V
IC =-2mA , VCE=-5V
IC =-10mA ,
=-5V
VCE
-0.65
-0.82
-0.6
-0.75
CC
4.5
Collector capacitance
pF
F
10
Transition frequency
dB
IC=-200uA,VCE=-5V
RS=2kΩ,f=1kHz,
B=200Hz
2
VCB =-10V , IE=Ie=0
f=1MHZ
Emitter cut-off current
IEBO
-0.1
µA
VEB= -5V , IC=0


Similar Part No. - BC857B-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857B-13-F DIODES-BC857B-13-F Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
List of Unclassifed Man...
BC857B-3F ETC-BC857B-3F Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
BC857B-7 DIODES-BC857B-7 Datasheet
44Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
BC857B-7-F DIODES-BC857B-7-F Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Micro Commercial Compon...
BC857B-TP MCC-BC857B-TP Datasheet
102Kb / 3P
   PNP Small Signal Transistor310mW
More results

Similar Description - BC857B-HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com