Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6205EM5-2.5 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6205EM5-2.5
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6205EM5-2.5 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6205EM5-2.5 Datasheet HTML 6Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 7Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 8Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 9Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 10Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 11Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 12Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 13Page - Sipex Corporation SP6205EM5-2.5 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN SOT-23
A
A2
A1
SIDE VIEW
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
L1
L
L2
Ø1
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
B
B
c
WITH PLATING
BASE METAL
b
Ø1
Ø
-
-
1.45
0
-
0.15
Dimensions in (mm)
5 PIN SOT-23
JEDEC MO-178
(AA) Variation
0.90
1.15
1.30
0.30
-
0.50
0.08
-
0.22
2.90 BSC
2.80 BSC
1.60 BSC
0.30
0.45
0.60
0.60 REF
A
A1
A2
b
c
D
E
E1
L
L1
L2
Ø
10º
15º
Ø1
MIN
NOM MAX
0.25 BSC
e
e1
1.90 BSC
0.95 BSC
SECTION B-B
Seating Plane
VIEW A-A
5 PIN SOT-23


Similar Part No. - SP6205EM5-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6205EM5-2-5 SIPEX-SP6205EM5-2-5 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2-5/TR SIPEX-SP6205EM5-2-5/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2-7 SIPEX-SP6205EM5-2-7 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2-7/TR SIPEX-SP6205EM5-2-7/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2-8 SIPEX-SP6205EM5-2-8 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
More results

Similar Description - SP6205EM5-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com