Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACZRV5233B-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACZRV5233B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRV5233B-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACZRV5233B-HF Datasheet HTML 1Page - Comchip Technology ACZRV5233B-HF Datasheet HTML 2Page - Comchip Technology ACZRV5233B-HF Datasheet HTML 3Page - Comchip Technology ACZRV5233B-HF Datasheet HTML 4Page - Comchip Technology ACZRV5233B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
SMD Zener Diode
REV:A
AQW-JZ004
Comchip Technology CO., LTD.
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
Start
Direction of Feed
End
D1
D2
D
W1
C
Index hole
d
E
F
B
W
P
P0
P1
A
Company reserves the right to improve product design , functions and reliability without notice.
B
C
d
D
D2
D1
SOD-323
SYMBOL
A
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
1.50 + 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 0.10
±
178 ± 2.00
0.059 + 0.004
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.158 ± 0.004
0.158 ± 0.004
0.079 0.004
±
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOD-323
1.46 ± 0.10
0.057 ± 0.004
2.90 ± 0.10
0.114 ± 0.004
1.25 ± 0.10
0.049 ± 0.004
12.30 ± 1.00
0.484 ± 0.039
8.00 0.30 / - 0.10
+
0.315 + 0.012 / - 0.004


Similar Part No. - ACZRV5233B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRA4728-HF COMCHIP-ACZRA4728-HF Datasheet
374Kb / 6P
   SMD Zener Diode
ACZRA4742-HF COMCHIP-ACZRA4742-HF Datasheet
374Kb / 6P
   SMD Zener Diode
ACZRA4749-HF COMCHIP-ACZRA4749-HF Datasheet
374Kb / 6P
   RoHS Device
ACZRA4750-HF COMCHIP-ACZRA4750-HF Datasheet
374Kb / 6P
   RoHS Device
ACZRC5333B-G COMCHIP-ACZRC5333B-G Datasheet
116Kb / 6P
   SMD Zener Diode
More results

Similar Description - ACZRV5233B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com