Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM150-24 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASM150-24
Description  150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM150-24 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASM150-24 Datasheet HTML 1Page - Astrodyne Corporation ASM150-24 Datasheet HTML 2Page - Astrodyne Corporation ASM150-24 Datasheet HTML 3Page - Astrodyne Corporation ASM150-24 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
150W 2” x 4” Medical Grade Open Frame Switching Power Supplies
A S M 1 5 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
Weight: 5.7oz
Molex Mates: 3069; 2139; 6442; 7674; 7675; 41695; 41815
GND
J1
2-L
1-N
1
J2
1
8
J3
4
4.00 [101.6]
2.00 [50.8]
1.75 [44.5]
3.75 [95.3]
?0.159 [?4.04]
MOUNTING HOLE
TYP 4 PLS
QUICK DISCONNECT TAB
0.250" [6.35] X 0.032" [0.81]
MOLEX (19705-4301)
MOLEX (26-60-4030)
0.156 SPACING
3 PIN, CTR PIN REMOVED
8 PIN
MOLEX (26-60-4080)
MOLEX (22-23-2041)
4 PIN
0.10 SPACING
0.156 SPACING
1.08 [27.5]
0.17 [4.4] MAX
SMT COMPONENT
HEIGHT
TYP 4 PLS
Pins 1,2,3,4
DC Returns
Pins 5,6,7,8
V1
OUTPUT CONNECTOR J2
OUTPUT CONNECTOR J3
GND
Pins 1,2
Pins 3,4
12V (FAN)
INPUT CONNECTOR J1
AC Neutral
Pins 1
Pins 2
AC Line
AC Ground
INPUT SPADE CONNECTOR
Gnd
0.850 [21.59]
?0.250 [?6.35]
MAX DIA OF MOUNTING HARDWARE


Similar Part No. - ASM150-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
502Kb / 4P
   150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
More results

Similar Description - ASM150-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
   150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASL150 ASTRODYNE-ASL150 Datasheet
485Kb / 4P
   150W 2??x 4??Open Frame Switching Power Supplies
ASL150 ASTRODYNE-ASL150_16 Datasheet
490Kb / 4P
   150W 2??x 4??Open Frame Switching Power Supplies
logo
MPS Industries, Inc.
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
   150W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
   Medical Grade 30W Open Frame Power Supplies
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
   150W Open Frame Power Supply for Medical
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
   60W Ultraminiature Medical Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com