Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL40-24A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASL40-24A
Description  40W Ultraminiature Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL40-24A Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASL40-24A Datasheet HTML 1Page - Astrodyne Corporation ASL40-24A Datasheet HTML 2Page - Astrodyne Corporation ASL40-24A Datasheet HTML 3Page - Astrodyne Corporation ASL40-24A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40W Ultraminiature Open Frame Switching Power Supplies
A S L 4 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
30A @ 100VAC Input *
60A @ 200VAC Input *
Leakage Current
<0.1mA
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (0%-FL)
Single O/P:
± 1%
Dual O/P (V1/V2):
± 3/5% max
Line Regulation (LL-HL)
Single O/P:
± 1% max
Dual O/P (V1/V2):
± 1/2% max
Cross Regulation (Dual Outputs)
(100-20% L w. other O/P at 60%) ± 3/5% max
Preset Accuracy
1%
DC Voltage Adjust (typ)
± 6% of FS (Primary)
Temperature Coefficient
± 0.05%/°C
Ripple/Noise, 20Mhz BW
See Selection Chart
Over Voltage Protection
Clamp, 118-130%
Current Limit, Self Recovering
See Selection Chart *
Short Circuit Protection
Continuous, self-recovering *
Hold Up Time (115V / 60Hz)
10 mS, min.
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Efficiency
See Selection Chart
Switching Frequency
65Khz, (fixed, typical)
Safety
UL, TUV, CB
PHYSICAL SPECIFICATIONS
Size
2” x 4” x 1.2”
50.8 x 101.6 x 30.48mm
Construction
Open Frame
Weight
7oz (198g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +50°C(FL) , See Derate
Storage Temperature
-40 to +85°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
EN 60601-1-2:2001
MTBF
185,000 Hrs
Mil Std 217, 25°C
OUTPUT DERATING CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
100
90
80
70
60
50
40
30
20
10
0
-20
10
20
30
40
50
60
70
Ambient Temperature DegC


Similar Part No. - ASL40-24A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL40-24 ASTRODYNE-ASL40-24 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - ASL40-24A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com