Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJA106006NJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJA106006NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJA106006NJ Datasheet(HTML) 5 Page - AVX Corporation

  TAJA106006NJ Datasheet HTML 1Page - AVX Corporation TAJA106006NJ Datasheet HTML 2Page - AVX Corporation TAJA106006NJ Datasheet HTML 3Page - AVX Corporation TAJA106006NJ Datasheet HTML 4Page - AVX Corporation TAJA106006NJ Datasheet HTML 5Page - AVX Corporation TAJA106006NJ Datasheet HTML 6Page - AVX Corporation TAJA106006NJ Datasheet HTML 7Page - AVX Corporation TAJA106006NJ Datasheet HTML 8Page - AVX Corporation TAJA106006NJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
10
APRIL 2014
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJB335*020#NJ
B
3.3
20
85
13
125
0.7
6
3
1
168
151
67
TAJA475*020#NJ
A
4.7
20
85
13
125
0.9
6
4
1
137
123
55
TAJB475*020#NJ
B
4.7
20
85
13
125
0.9
6
3
1
168
151
67
TAJA685*020#NJ
A
6.8
20
85
13
125
1.4
6
2.4
1
177
159
71
TAJB685*020#NJ
B
6.8
20
85
13
125
1.4
6
2.5
1
184
166
74
TAJC685*020#NJ
C
6.8
20
85
13
125
1.4
6
2
1
235
211
94
TAJB106*020#NJ
B
10
20
85
13
125
2
6
2.1
1
201
181
80
TAJC106*020#NJ
C
10
20
85
13
125
2
6
1.2
1
303
272
121
TAJB156*020#NJ
B
15
20
85
13
125
3
6
2
1
206
186
82
TAJC156*020#NJ
C
15
20
85
13
125
3
6
1.7
1
254
229
102
TAJB226*020#NJ
B
22
20
85
13
125
4.4
6
1.8
1
217
196
87
TAJC226*020#NJ
C
22
20
85
13
125
4.4
6
1.6
1
262
236
105
TAJD226*020#NJ
D
22
20
85
13
125
4.4
6
0.9
1
408
367
163
TAJC336*020#NJ
C
33
20
85
13
125
6.6
6
1.5
1
271
244
108
TAJD336*020#NJ
D
33
20
85
13
125
6.6
6
0.9
1
408
367
163
TAJC476*020#NJ
C
47
20
85
13
125
9.4
6
0.5
1
469
422
188
TAJD476*020#NJ
D
47
20
85
13
125
9.4
6
0.9
1
408
367
163
TAJE476*020#NJ
E
47
20
85
13
125
9.4
6
0.9
11)
428
385
171
TAJC686M020#NJ
C
68
20
85
13
125
13.6
8
0.5
1
469
422
188
TAJD686*020#NJ
D
68
20
85
13
125
13.6
6
0.4
1
612
551
245
TAJE686*020#NJ
E
68
20
85
13
125
13.6
6
0.9
11)
428
385
171
TAJD107*020#NJ
D
100
20
85
13
125
20
6
0.5
1
548
493
219
TAJE107*020#NJ
E
100
20
85
13
125
20
6
0.4
11)
642
578
257
TAJV107*020#NJ
V
100
20
85
13
125
20
8
0.9
11)
527
474
211
TAJE157*020#NJ
E
150
20
85
13
125
30
8
0.3
11)
742
667
297
TAJV157*020#NJ
V
150
20
85
13
125
30
8
0.3
11)
913
822
365
25 Volt @ 85°C
TAJA474*025#NJ
A
0.47
25
85
17
125
0.5
4
14
1
73
66
29
TAJA684*025#NJ
A
0.68
25
85
17
125
0.5
4
10
1
87
78
35
TAJA105*025#NJ
A
1
25
85
17
125
0.5
4
8
1
97
87
39
TAJA155*025#NJ
A
1.5
25
85
17
125
0.5
6
7.5
1
100
90
40
TAJB155*025#NJ
B
1.5
25
85
17
125
0.5
6
5
1
130
117
52
TAJA225*025#NJ
A
2.2
25
85
17
125
0.6
6
7
1
104
93
41
TAJB225*025#NJ
B
2.2
25
85
17
125
0.6
6
4.5
1
137
124
55
TAJA335*025#NJ
A
3.3
25
85
17
125
0.8
6
3.7
1
142
128
57
TAJB335*025#NJ
B
3.3
25
85
17
125
0.8
6
3.5
1
156
140
62
TAJA475*025#NJ
A
4.7
25
85
17
125
1.2
6
3.1
1
156
140
62
TAJB475*025#NJ
B
4.7
25
85
17
125
1.2
6
1.5
1
238
214
95
TAJB685*025#NJ
B
6.8
25
85
17
125
1.7
6
2.8
1
174
157
70
TAJC685*025#NJ
C
6.8
25
85
17
125
1.7
6
2
1
235
211
94
TAJB106*025#NJ
B
10
25
85
17
125
2.5
6
2.5
1
184
166
74
TAJC106*025#NJ
C
10
25
85
17
125
2.5
6
1.8
1
247
222
99
TAJD106*025#NJ
D
10
25
85
17
125
2.5
6
1.2
1
354
318
141
TAJC156*025#NJ
C
15
25
85
17
125
3.8
6
1.6
1
262
236
105
TAJD156*025#NJ
D
15
25
85
17
125
3.8
6
1
1
387
349
155
TAJC226*025#NJ
C
22
25
85
17
125
5.5
6
1.4
1
280
252
112
TAJD226*025#NJ
D
22
25
85
17
125
5.5
6
0.9
1
408
367
163
TAJD336*025#NJ
D
33
25
85
17
125
8.3
6
0.9
1
408
367
163
TAJE336*025#NJ
E
33
25
85
17
125
8.3
6
0.9
11)
428
385
171
TAJD476*025#NJ
D
47
25
85
17
125
11.8
6
0.9
1
408
367
163
TAJE476*025#NJ
E
47
25
85
17
125
11.8
6
0.9
11)
428
385
171
TAJE686*025#NJ
E
68
25
85
17
125
17
6
0.9
11)
428
385
171
TAJV686*025#NJ
V
68
25
85
17
125
17
6
0.9
11)
527
474
211
TAJE107M025#NJ
E
100
25
85
17
125
25
10
0.3
11)
742
667
297
TAJV107*025#NJ
V
100
25
85
17
125
25
8
0.4
11)
791
712
316
TAJV157M025#NJ
V
150
25
85
17
125
37.5
10
0.4
11)
791
712
316
35 Volt @ 85°C
TAJA104*035#NJ
A
0.1
35
85
23
125
0.5
4
24
1
56
50
22
TAJA154*035#NJ
A
0.15
35
85
23
125
0.5
4
21
1
60
54
24
TAJA224*035#NJ
A
0.22
35
85
23
125
0.5
4
18
1
65
58
26
TAJA334*035#NJ
A
0.33
35
85
23
125
0.5
4
15
1
71
64
28
TAJA474*035#NJ
A
0.47
35
85
23
125
0.5
4
12
1
79
71
32
TAJB474*035#NJ
B
0.47
35
85
23
125
0.5
4
10
1
92
83
37
TAJA684*035#NJ
A
0.68
35
85
23
125
0.5
4
8
1
97
87
39
TAJB684*035#NJ
B
0.68
35
85
23
125
0.5
4
8
1
103
93
41
TAJA105*035#NJ
A
1
35
85
23
125
0.5
4
7.5
1
100
90
40
TAJB105*035#NJ
B
1
35
85
23
125
0.5
4
6.5
1
114
103
46
TAJA155*035#NJ
A
1.5
35
85
23
125
0.5
6
7.5
1
100
90
40
TAJB155*035#NJ
B
1.5
35
85
23
125
0.5
6
5.2
1
128
115
51
TAJC155*035#NJ
C
1.5
35
85
23
125
0.5
6
4.5
1
156
141
63
TAJA225*035#NJ
A
2.2
35
85
23
125
0.8
6
4.5
1
129
116
52


Similar Part No. - TAJA106006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106006NJ AVX-TAJA106006NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA106006NJ AVX-TAJA106006NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJA106006NJ AVX-TAJA106006NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJA106006NJ AVX-TAJA106006NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA106006NJ AVX-TAJA106006NJ Datasheet
104Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJA106006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com