Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACGRBT203-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACGRBT203-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRBT203-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACGRBT203-HF Datasheet HTML 1Page - Comchip Technology ACGRBT203-HF Datasheet HTML 2Page - Comchip Technology ACGRBT203-HF Datasheet HTML 3Page - Comchip Technology ACGRBT203-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD General Purpose Rectifiers
Page 4
AQW-JG002
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
2114
Suggested PAD Layout
A
B
SIZE
(inch)
0.118MIN.
(mm)
3.00MIN.
2.65MAX.
6.65REF.
0.104MAX.
0.262 REF.
2114
A
B
C
C
Marking Code
20D
Part Number
Marking Code
ACGRBT201-HF
ACGRBT202-HF
ACGRBT203-HF
20G
20J
ACGRBT204-HF
20K
ACGRBT205-HF
20M
BGC
.XXX.
XXX = Product type marking code


Similar Part No. - ACGRBT203-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACGRBT301-HF COMCHIP-ACGRBT301-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
More results

Similar Description - ACGRBT203-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com