Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJV228M002NJ Datasheet(PDF) 8 Page - AVX Corporation

Part # TAJV228M002NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJV228M002NJ Datasheet(HTML) 8 Page - AVX Corporation

Back Button TAJV228M002NJ Datasheet HTML 4Page - AVX Corporation TAJV228M002NJ Datasheet HTML 5Page - AVX Corporation TAJV228M002NJ Datasheet HTML 6Page - AVX Corporation TAJV228M002NJ Datasheet HTML 7Page - AVX Corporation TAJV228M002NJ Datasheet HTML 8Page - AVX Corporation TAJV228M002NJ Datasheet HTML 9Page - AVX Corporation TAJV228M002NJ Datasheet HTML 10Page - AVX Corporation TAJV228M002NJ Datasheet HTML 11Page - AVX Corporation TAJV228M002NJ Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APRIL 2014
13
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
TAJ AUTOMOTIVE RANGE
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated voltage DC (V
R) to 85°C
μF
Code
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
0.15
154
0.22
224
A
0.33
334
AA
0.47
474
AA
A/B
0.68
684
AA
B
1.0
105
A
AA
A/B
B/C
1.5
155
A
A
A/B
C
2.2
225
A
AA/B
A/B
B/C
C/D
3.3
335
A
A/B
A/B
B
B/C
C/D
4.7
475
A/B
A/B
A/B
B/C
B/C/D
C/D
6.8
685
A/B
A/B
B/C
B/C
C/D
D
10
106
A/B
A/B
A/B/C
B/C
C/D
C/D
D/E
15
156
A
A/B/C
B/C
B/C
C/D
D
E
22
226
A/B/C
A/B/C
B/C/D
C/D
C/D
D/E
33
336
A/B
B/C
C/D
C/D
D
E
47
476
B/C
B/C/D
C/D
D
D/E
68
686
B/C
C/D
C/D
D/E
100
107
C/D
C/D
D/E
E
150
157
C/D
D/E
E
220
227
D
D/E
330
337
D/E
E
470
477
D/E
680
687
E
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Released codes
Engineering samples - please contact manufacturer
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
HOW TO ORDER
106
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
035
Rated DC Voltage
006 = 6.3Vdc
025 = 25Vdc
010 = 10Vdc
035 = 35Vdc
016 = 16Vdc
050 = 50Vdc
020 = 20Vdc
T
Packaging
T = Automotive Lead Free
7" Reel
U = Automotive Lead Free
13" Reel
NJ
Specification
Suffix
NJ = Std Suffix
V
Dry Pack
Option
(D,E case sizes
mandatory)
TAJ
Type
C
Case Size
See table
above
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.22 μF to 680 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - TAJV228M002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJV228M002NJ AVX-TAJV228M002NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJV228M002NJ AVX-TAJV228M002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJV228M002NJ AVX-TAJV228M002NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJV228M002NJ AVX-TAJV228M002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJV228M002NJ AVX-TAJV228M002NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJV228M002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com