Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27425D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27425D
Description  Dual 4-A High Speed Low-Side MOSFET Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27425D Datasheet(HTML) 1 Page - Texas Instruments

  UCC27425D Datasheet HTML 1Page - Texas Instruments UCC27425D Datasheet HTML 2Page - Texas Instruments UCC27425D Datasheet HTML 3Page - Texas Instruments UCC27425D Datasheet HTML 4Page - Texas Instruments UCC27425D Datasheet HTML 5Page - Texas Instruments UCC27425D Datasheet HTML 6Page - Texas Instruments UCC27425D Datasheet HTML 7Page - Texas Instruments UCC27425D Datasheet HTML 8Page - Texas Instruments UCC27425D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
8
7
6
5
1
2
3
4
GND
GND
GND
UCC2742x
ENBA
ENBB
INA
INB
V+
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC27423, UCC27424, UCC27425
SLUS545E – NOVEMBER 2002 – REVISED DECEMBER 2015
UCC2742x Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
1 Features
3 Description
The UCC2742x family of high-speed dual MOSFET
1
Industry-Standard Pin-Out
drivers can deliver large peak currents into capacitive
Enable Functions for Each Driver
loads. Three standard logic options are offered –
High Current Drive Capability of ±4 A
dual-inverting, dual-noninverting, and one-inverting
and one-noninverting driver. The thermally enhanced
Unique BiPolar and CMOS True Drive Output
8-pin PowerPAD™ MSOP package (DGN) drastically
Stage Provides High Current at MOSFET Miller
lowers the thermal resistance to improve long-term
Thresholds
reliability. It is also offered in the standard SOIC-8 (D)
TTL/CMOS Compatible Inputs Independent of
or PDIP-8 (P) packages.
Supply Voltage
Using a design that inherently minimizes shoot-
20-ns Typical Rise and 15-ns Typical Fall Times
through current, these drivers deliver 4A of current
with 1.8-nF Load
where it is needed most at the Miller plateau region
Typical Propagation Delay Times of 25 ns with
during the MOSFET switching transition. A unique
Input Falling and 35 ns with Input Rising
BiPolar and MOSFET hybrid output stage in parallel
also allows efficient current sourcing and sinking at
4-V to 15-V Supply Voltage
low supply voltages.
Dual Outputs Can Be Paralleled for Higher Drive
The UCC2742x provides enable (ENB) functions to
Current
have better control of the operation of the driver
Available in Thermally Enhanced MSOP
applications. ENBA and ENBB are implemented on
PowerPAD™ Package
pins 1 and 8 which were previously left unused in the
Rated From –40°C to 125°C
industry standard pin-out. They are internally pulled
up to VDD for active high logic and can be left open
2 Applications
for standard operation.
Switch Mode Power Supplies
Device Information(1)
DC/DC Converters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Motor Controllers
SOIC (8)
4.90 mm × 3.91 mm
UCC27423
Line Drivers
UCC27424
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
UCC27425
Class D Switching Amplifiers
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC27425D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27425D TI-UCC27425D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27425D TI1-UCC27425D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425D TI1-UCC27425D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425DG4 TI1-UCC27425DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425DG4 TI1-UCC27425DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27425D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com