Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27424DGN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424DGN
Description  Dual 4-A High Speed Low-Side MOSFET Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424DGN Datasheet(HTML) 5 Page - Texas Instruments

  UCC27424DGN Datasheet HTML 1Page - Texas Instruments UCC27424DGN Datasheet HTML 2Page - Texas Instruments UCC27424DGN Datasheet HTML 3Page - Texas Instruments UCC27424DGN Datasheet HTML 4Page - Texas Instruments UCC27424DGN Datasheet HTML 5Page - Texas Instruments UCC27424DGN Datasheet HTML 6Page - Texas Instruments UCC27424DGN Datasheet HTML 7Page - Texas Instruments UCC27424DGN Datasheet HTML 8Page - Texas Instruments UCC27424DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545E – NOVEMBER 2002 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
VDD = 4.5 V to 15 V, TA = –40°C to 125°C,TA = TJ, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT (INA, INB)
VIN_H Logic 1 input threshold
2
V
VIN_L Logic 0 input threshold
1
Input current
0 V
≤ VIN ≤ VDD
–10
0
10
μA
OUTPUT (OUTA, OUTB)
Output current
VDD = 14 V
(1)
4
A
VOH
High-level output voltage
VOH = VDD – VOUT, IOUT = –10 mA
330
450
mV
VOL
Low-level output level
IOUT = 10 mA
22
45
TA = 25°C, IOUT = –10 mA, VDD = 14 V
(2)
25
30
35
Output resistance high
TA = full range, IOUT = –10 mA, VDD = 14 V
(2)
18
45
TA = 25°C, IOUT = 10 mA, VDD = 14 V
(2)
1.9
2.2
2.5
Output resistance low
TA = full range IOUT = 10 mA, VDD = 14 V
(2)
1.2
4.0
Latch-up protection
500
mA
SWITCHING TIME
tr
Rise time (OUTA, OUTB)
CLOAD = 1.8 nF
20
40
tf
Fall time (OUTA, OUTB)
CLOAD = 1.8 nF
15
40
ns
td1
Delay, IN rising (IN to OUT)
CLOAD = 1.8 nF
25
40
td2
Delay, IN falling (IN to OUT)
CLOAD = 1.8 nF
35
50
ENABLE (ENBA, ENBB)
VIN_H High-level input voltage
LO to HI transition
1.7
2.4
2.9
V
VIN_L Low-level input voltage
HI to LO transition
1.1
1.8
2.2
V
Hysteresis
0.15
0.55
0.90
V
RENB Enable impedance
VDD = 14 V, ENB = GND
75
100
140
k
tD3
Propagation delay time (see Figure 2)
CLOAD = 1.8 nF
30
60
ns
tD4
Propagation delay time (see Figure 2)
CLOAD = 1.8 nF
100
150
ns
OVERALL
INA = 0 V, INB = 0 V
900
1350
UCC27423
INA = 0 V, INB = HIGH
750
1100
IDD
Static operating current, VDD = 15 V,
μA
INA = HIGH, INB = 0 V
750
1100
ENBA = ENBB = 15 V
INA = HIGH, INB = HIGH
600
900
INA = 0 V, INB = 0 V
300
450
UCC27424
INA = 0 V, INB = HIGH
750
1100
IDD
Static operating current, VDD = 15 V,
μA
INA = HIGH, INB = 0 V
750
1100
ENBA = ENBB = 15 V
INA = HIGH, INB = HIGH
1200
1800
INA = 0 V, INB = 0 V
600
900
UCC27425
INA = 0 V, INB = HIGH
1050
1600
IDD
Static operating current, VDD = 15 V,
μA
INA = HIGH, INB = 0 V
450
700
ENBA = ENBB = 15 V
INA = HIGH, INB = HIGH
900
1350
INA = 0 V, INB = 0 V
300
450
INA = 0 V, INB = HIGH
450
700
All disabled, VDD = 15 V,
IDD
μA
ENBA = ENBB = 0 V
INA = HIGH, INB = 0 V
450
700
INA = HIGH, INB = HIGH
600
900
(1)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The pulsed output current rating is the
combined current from the bipolar and MOSFET transistors.
(2)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the Rds(on) of the
MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27424DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424DGN TI-UCC27424DGN Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DGN TI1-UCC27424DGN Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DGN TI1-UCC27424DGN Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DGNG4 TI1-UCC27424DGNG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DGNG4 TI1-UCC27424DGNG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27424DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com