Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6655ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6655ER
Description  High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6655ER Datasheet HTML 7Page - Sipex Corporation SP6655ER Datasheet HTML 8Page - Sipex Corporation SP6655ER Datasheet HTML 9Page - Sipex Corporation SP6655ER Datasheet HTML 10Page - Sipex Corporation SP6655ER Datasheet HTML 11Page - Sipex Corporation SP6655ER Datasheet HTML 12Page - Sipex Corporation SP6655ER Datasheet HTML 13Page - Sipex Corporation SP6655ER Datasheet HTML 14Page - Sipex Corporation SP6655ER Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Date: 7/12/04
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
For the typical SP6655 application circuit with
inductor size of 10
µH, and KON of 2V*µsec, the
SP6655 current ripple would be about 200mA, and
driver latch and open the switch to prevent
inductor current reversal. This circuit along
with the on-timer puts the converter into PFM
mode and improves light load efficiency when
the load current is less than half the inductor
ripple current defined by KON/L.
Thermal Shutdown
The converter will open both power switches if
the die junction temperature rises above 140
°C.
The die must cool down below 126
°C before the
regulator is re-enabled. This feature protects the
SP6655 and surrounding circuitry from exces-
sive power dissipation due to fault conditions.
Shutdown/Enable Control
The D0, D1 pins 4,5 of the device are logic level
control pins that according to Table 1 shut down
the converter when both are a logic low, or
enables the converter when either are a logic
high. When the converter is shut down, the
power switches are opened and all circuit bias-
ing is extinguished leaving only junction leak-
age currents on supply pins 1 and 2. After pins
4 or 5 are brought high to enable the converter,
there is a turn on delay to allow the regulator
circuitry to re-establish itself. Power conversion
begins with the assertion of the internal refer-
ence ready signal which occurs approximately
150
µs after the enable signal is received.
Battery Low Indicator
The BLON function is a differential measure-
ment of (VIN -VOUT) which causes the open
drain NMOS on pin 3 to sink current to ground
when (VIN -VOUT) < 300mV. Tying a resistor
from pin 3 to VIN or VOUT creates a logic level
battery low indicator. A low bandwidth com-
parator and 3% hysteresis filter the input voltage
ripple to prevent noisy transitions at the thresh
old. BLON is forced Low when in UVLO.
External Feedback Pin
The FB pin 6 is compared to an internal refer-
ence voltage of 0.8V to regulate the SP6655
output. The output voltage can be externally
programmed within the range +1.0V to +5.0V
by tying a resistor from FB to ground and FB to
VOUT (pin7). See the applications section for
resistor selection information.
Inductor Selection
The SP6655 uses a specially adapted minimum
on-time control of regulation utilizing a preci-
sion comparator and bandgap reference. This
adaptive minimum on-time control has the ad-
vantage of setting a constant current ripple for a
given inductor size. From the operations section
it has been shown:
Inductor Current Ripple, ILR
KON
L
THEORY OF OPERATION
APPLICATION INFORMATION
would be fairly constant for different input and
output voltages, simplifying the selection of com-
ponents for the SP6655 power circuit. Other
inductor values could be selected, as shown in
Table 2 Components Selection. Using a larger
value than 10
µH in an attempt to reduce output
voltage ripple would reduce inductor current ripple
and may not produce as stable an output ripple.
For larger inductors with the SP6655, which has
a peak inductor current of 0.625A, most 15
µH
or 22
µH inductors would have to be larger
physical sizes, limiting their use in small por-
table applications. Smaller values like 10
µH
would more easily meet the 0.625A limit and
come in small case sizes, and the increased


Similar Part No. - SP6655ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655ER SIPEX-SP6655ER Datasheet
202Kb / 4P
   Evaluation Board Manual
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator
More results

Similar Description - SP6655ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
   High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Sipex Corporation
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
Linear Technology
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
   400mA Synchronous Buck Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com