Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27423DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC27423DG4
Description  Dual 4-A High Speed Low-Side MOSFET Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423DG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC27423DG4 Datasheet HTML 1Page - Texas Instruments UCC27423DG4 Datasheet HTML 2Page - Texas Instruments UCC27423DG4 Datasheet HTML 3Page - Texas Instruments UCC27423DG4 Datasheet HTML 4Page - Texas Instruments UCC27423DG4 Datasheet HTML 5Page - Texas Instruments UCC27423DG4 Datasheet HTML 6Page - Texas Instruments UCC27423DG4 Datasheet HTML 7Page - Texas Instruments UCC27423DG4 Datasheet HTML 8Page - Texas Instruments UCC27423DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(DUAL INVERTING)
(DUAL NON-INVERTING)
(ONE INVERTING AND
ONE NON-INVERTING)
UCC27423
UCC27424
UCC27425
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545E – NOVEMBER 2002 – REVISED DECEMBER 2015
5 Device Comparison Table
PACKAGED DEVICES
OUTPUT
TEMPERATURE RANGE
SOIC-8
MSOP-8 PowerPAD
PDIP-8
CONFIGURATION
TA = TJ
(D)(1)
(DGN)(2)
(P)
Dual inverting
–40°C to 125°C
UCC27423D
UCC27423DGN
UCC27423P
Dual nonInverting
–40°C to 125°C
UCC27424D
UCC27424DGN
UCC27424P
One inverting,
–40°C to 125°C
UCC27425D
UCC27425DGN
UCC27425P
one noninverting
(1)
D (SOIC-8) and DGN (PowerPAD-MSOP) packages are available taped and reeled. Add R suffix to device type (e.g. UCC27423DR,
UCC27424DGNR) to order quantities of 2,500 devices per reel for D or 1,000 devices per reel for DGN package.
(2)
The PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and thermally connected to the
substrate which is the ground of the device.
6 Pin Configuration and Functions
D Package, DGN Package, P Package
8-Pin SOIC, 8-PIn MSOP-PowerPAD, 8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Enable input for the driver A with logic compatible threshold and hysteresis. The driver output can be enabled and disabled with
ENBA
1
I
this pin. It is internally pulled up to VDD with 100 kΩ resistor for active high operation. The output state when the device is
disabled will be low regardless of the input state.
Enable input for the driver B with logic compatible threshold and hysteresis. The driver output can be enabled and disabled with
ENBB
8
I
this pin. It is internally pulled up to VDD with 100 kΩ resistor for active high operation. The output state when the device is
disabled will be low regardless of the input state.(1)
GND
3
Common ground: this ground should be connected very closely to the source of the power MOSFET which the driver is driving.
Input A: input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input should be tied to
INA
2
I
either VDD or GND. It should not be left floating.
(1)
Input B. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input should be tied to
INB
4
I
either VDD or GND. It should not be left floating.
OUTA
7
O
Driver output A. The output stage is capable of providing 4A drive current to the gate of a power MOSFET.
OUTB
5
O
Driver output B. The output stage is capable of providing 4A drive current to the gate of a power MOSFET.
VDD
6
I
Supply. Supply voltage and the power input connection for this device.
(1)
Refer to Detailed Description for more details.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27423DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423DG4 TI1-UCC27423DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423DG4 TI1-UCC27423DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27423DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com