Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27423D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27423D
Description  Dual 4-A High Speed Low-Side MOSFET Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC27423D Datasheet HTML 3Page - Texas Instruments UCC27423D Datasheet HTML 4Page - Texas Instruments UCC27423D Datasheet HTML 5Page - Texas Instruments UCC27423D Datasheet HTML 6Page - Texas Instruments UCC27423D Datasheet HTML 7Page - Texas Instruments UCC27423D Datasheet HTML 8Page - Texas Instruments UCC27423D Datasheet HTML 9Page - Texas Instruments UCC27423D Datasheet HTML 10Page - Texas Instruments UCC27423D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
VDD -SupplyVoltage-V
4
9
19
0
20
40
80
120
140
160
14
60
100
2MHz
1MHz
500kHz
200kHz
50/20kHz
100kHz
4
10
16
0
10
30
50
60
80
90
20
40
70
6
8
12
14
VDD -SupplyVoltage-V
2MHz
1MHz
500kHz
200kHz
100/50kHz
0
50
100
150
200
f-
Frequency -Hz
10nF
4.7nF
2.2nF
1nF
470pF
0
1M
2M
500K
1.5M
0
20
40
60
80
100
f-
Frequency -Hz
10nF
4.7nF
2.2nF
1nF
470pF
0
1M
2M
500K
1.5M
0
20
40
60
80
100
f-
Frequency -Hz
10nF
4.7nF
2.2nF
1nF
470pF
0
1M
2M
500K
1.5M
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545E – NOVEMBER 2002 – REVISED DECEMBER 2015
7.7 Typical Characteristics
Figure 3. Supply Current vs Frequency (VDD = 4.5 V)
Figure 4. Supply Current vs Frequency (VDD = 8.0 V)
Figure 6. Supply Current vs Frequency (VDD = 15 V)
Figure 5. Supply Current vs Frequency (VDD = 12 V)
Figure 7. Supply Current vs Supply Voltage
Figure 8. Supply Current vs Supply Voltage
(CLOAD = 2.2 nF)
(CLOAD = 4.7 nF)
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27423D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423D TI-UCC27423D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423D TI1-UCC27423D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423D TI1-UCC27423D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423DG4 TI1-UCC27423DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423DG4 TI1-UCC27423DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27423D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com