Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650240RHBTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS650240RHBTG4
Description  Power Management ICs for Li-Ion Powered Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650240RHBTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS650240RHBTG4 Datasheet HTML 1Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 2Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 3Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 4Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 5Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 6Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 7Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 8Page - Texas Instruments TPS650240RHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
24
23
22
21
20
19
18
17
910111213141516
3231302928272625
VDCDC3
PGND3
L3
VINDCDC3
VINDCDC1
L1
PGND1
VDCDC1
EN_Vdd_alive
MODE
DEFDCDC2
PWRFAIL
EN_DCDC1
EN_DCDC2
EN_DCDC3
EN_LDO
1
2
3
4
5
6
7
8
TPS65024
TPS650240, TPS650241, TPS650242
TPS650243, TPS650244, TPS650245
SLVS774C – JUNE 2007 – REVISED JANUARY 2016
www.ti.com
7 Pin Configuration and Functions
RHB Package
32-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SWITCHING REGULATOR SECTION
AGND1
31
Analog ground connection. All analog ground pins are connected internally on the chip.
AGND2
13
Analog ground connection. All analog ground pins are connected internally on the chip.
Input signal indicating default VDCDC1 voltage, 0 = 2.80 V, 1 = 3.3 V
9
I
DEFDCDC1
This pin can also be connected to a resistor divider between VDCDC1 and GND. In this case the output
voltage of the DCDC1 converter can be set in a range from 0.6V to VINDCDC1
Input signal indicating default VDCDC2 voltage, 0 = 1.8 V, 1 = 2.5 V
22
I
DEFDCDC2
This pin can also be connected to a resistor divider between VDCDC2 and GND. In this case the output
voltage of the DCDC2 converter can be set in a range from 0.6V to VINDCDC2.
Input signal indicating VDCDC3 voltage.
TPS650240: 0 = 1.0 V, 1 = 1.3 V
TPS650241: 0 = 0.9 V, 1 = 1.375 V
DEFDCDC3
32
I
TPS650242: 0 = 1.0 V, 1 = 1.5 V
TPS650243: 0 = 1.0 V, 1 = 1.2 V
TPS650244: 0 = 1.55 V, 1 = 1.6 V
TPS650245: 0 = 0.9 V, 1 = 1.1 V
EN_DCDC1
20
I
VDCDC1 enable pin. A logic high enables the regulator, a logic low disables the regulator.
EN_DCDC2
19
I
VDCDC2 enable pin. A logic high enables the regulator, a logic low disables the regulator.
EN_DCDC3
18
I
VDCDC3 enable pin. A logic high enables the regulator, a logic low disables the regulator.
L1
6
Switch pin of VDCDC1 converter. The VDCDC1 inductor is connected here.
L2
27
Switch pin of VDCDC2 converter. The VDCDC2 inductor is connected here.
L3
3
Switch pin of VDCDC3 converter. The VDCDC3 inductor is connected here.
PGND1
7
Power ground for VDCDC1 converter
PGND2
26
Power ground for VDCDC2 converter
PGND3
2
Power ground for VDCDC3 converter
PowerPad
Connect the power pad to analog ground
4
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650240RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240RHBTG4 TI-TPS650240RHBTG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBTG4 TI-TPS650240RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBTG4 TI-TPS650240RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650240RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com