Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65735RSNT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65735RSNT
Description  PMU for Active Shutter 3D Glasses
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65735RSNT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65735RSNT Datasheet HTML 4Page - Texas Instruments TPS65735RSNT Datasheet HTML 5Page - Texas Instruments TPS65735RSNT Datasheet HTML 6Page - Texas Instruments TPS65735RSNT Datasheet HTML 7Page - Texas Instruments TPS65735RSNT Datasheet HTML 8Page - Texas Instruments TPS65735RSNT Datasheet HTML 9Page - Texas Instruments TPS65735RSNT Datasheet HTML 10Page - Texas Instruments TPS65735RSNT Datasheet HTML 11Page - Texas Instruments TPS65735RSNT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TPS65735
SLVSAI6A – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRCH
Recharge detection threshold
VBAT below nominal charger
55
100
170
mV
voltage, VBAT(REG)
IBAT(DET)
Sink current for battery
1
mA
detection
Charge safety timer
tCHG
18000
s
(18000 seconds = 5 hours)
Pre-charge timer
tPRECHG
1800
s
(1800 seconds = 30 minutes)
VDPPM
DPPM threshold
VBAT +
V
100 mV
Leakage current for
VnCHG_STAT = 4.2 V
ILEAK(nCHG)
100
nA
nCHG_STAT pin
CHG_EN = LOW (Charger disabled)
RDSON(nCHG)
On resistance for
20
60
Ω
nCHG_STAT MOSFET switch
IMAX(nCHG)
Maximum input current to
50
mA
nCHG_STAT pin
BATTERY CHARGER NTC MONITOR
ITSBIAS
TS pin bias current
75
µA
0°C charge threshold for 10-
VCOLD
k
Ω NTC
2100
mV
(
β = 3490)
VHYS(COLD)
Low temperature threshold
Battery charging and battery / NTC
300
mV
hysteresis
temperature increasing
50°C charge threshold for 10-
VHOT
k
Ω NTC
300
mV
(
β = 3490)
VHYS(HOT)
High temperature threshold
Battery charging and battery / NTC
30
mV
hysteresis
temperature decreasing
BATTERY CHARGER THERMAL REGULATION
TJ(REG_LOWER)
Charger lower thermal
75
°C
regulation limit
TJ(REG_UPPER)
Charger upper thermal
95
°C
regulation limit
TJ(OFF)
Charger thermal shutdown
105
°C
temperature
TJ(OFF-HYS)
Charger thermal shutdown
20
°C
hysteresis
LDO
VSYS = 4.2 V
Maximum LDO output current,
IMAX(LDO)
VVIN = 0 V
30
mA
VVLDO = 2.2 V
VLDO_SET = 0 V
VSYS = 4.2 V
Maximum LDO output current,
VVIN = 0 V
30
mA
VVLDO = 3.0 V
VLDO_SET = VSYS
ISC(LDO)
Short circuit current limit
30
100
mA
VLDO_SET = LOW
(VLDO_SET pin connected to
VVLDO
LDO output voltage
DGND)
2.13
2.2
2.27
V
3.7 V
≤ VVIN ≤ 6.5 V
ILOAD(LDO) = –10 mA
VLDO_SET = HIGH
(VVLDO_SET = VSYS)
VVLDO
LDO output voltage
2.91
3.0
3.09
V
3.7 V
≤ VVIN ≤ 6.5 V
ILOAD(LDO) = –10 mA
VVIN - VLDO when in dropout
VDO(LDO)
LDO Dropout voltage
200
mV
ILOAD(LDO) = –10 mA
8
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65735


Similar Part No. - TPS65735RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65735RSNT TI1-TPS65735RSNT Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
More results

Similar Description - TPS65735RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
List of Unclassifed Man...
60159 ETC1-60159 Datasheet
7Mb / 2P
   SAFETY GLASSES
Rev. 05/20 A
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
   3D Active Long Range Front-End
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com