Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022RHAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65022RHAT
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022RHAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65022RHAT Datasheet HTML 3Page - Texas Instruments TPS65022RHAT Datasheet HTML 4Page - Texas Instruments TPS65022RHAT Datasheet HTML 5Page - Texas Instruments TPS65022RHAT Datasheet HTML 6Page - Texas Instruments TPS65022RHAT Datasheet HTML 7Page - Texas Instruments TPS65022RHAT Datasheet HTML 8Page - Texas Instruments TPS65022RHAT Datasheet HTML 9Page - Texas Instruments TPS65022RHAT Datasheet HTML 10Page - Texas Instruments TPS65022RHAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
Electrical Characteristics (continued)
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS: VCC, VINDCDC1, VINDCDC2, VINDCDC3
All 3 DCDC converters enabled,
85
100
zero load and no switching, LDOs enabled
All 3 DCDC converters enabled,
78
90
VCC = 3.6 V,
zero load and no switching, LDOs off
Operating quiescent
I(q)
VBACKUP = 3 V;
μA
current, PFM
DCDC1 and DCDC2 converters enabled,
V(VSYSIN) = 0 V
57
70
zero load and no switching, LDOs off
DCDC1 converter enabled,
43
55
zero load and no switching, LDOs off
All 3 DCDC converters enabled and
2
3
running in PWM, LDOs off
VCC = 3.6 V,
DCDC1 and DCDC2 converters enabled and
II
Current into VCC; PWM
VBACKUP = 3 V;
1.5
2.5
mA
running in PWM, LDOs off
V(VSYSIN) = 0 V
DCDC1 converter enabled and
0.85
2
running in PWM, LDOs off
VCC = 3.6 V, VBACKUP = 3 V
23
33
All converters
I(q)
Quiescent current
disabled, LDOs off,
VCC = 2.6 V, VBACKUP = 3 V
3.5
5
μA
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 0 V
43
SUPPLY PINS: VBACKUP, VSYSIN, VRTC
VBACKUP = 3 V, VSYSIN = 0 V; VCC = 2.6 V,
I(q)
Operating quiescent current
20
33
μA
current into VBACKUP
I(SD)
Operating quiescent current
VBACKUP < V_VBACKUP, current into VBACKUP
2
3
μA
VRTC LDO output voltage
VSYSIN = VBACKUP = 0 V, IO = 0 mA
3
V
IO
Output current for VRTC
VSYSIN < 2.57 V and VBACKUP < 2.57 V
30
mA
VRTC short-circuit current limit
VRTC = GND; VSYSIN = VBACKUP = 0 V
100
mA
Maximum output current at VRTC for
VRTC > 2.6 V, VCC = 3 V; VSYSIN = VBACKUP = 0 V
30
mA
RESPWRON = 1
VO
Output voltage accuracy for VRTC
VSYSIN = VBACKUP = 0 V; IO = 0 mA
–1%
1%
Line regulation for VRTC
VCC = VRTC + 0.5 V to 6.5 V, IO = 5 mA
–1%
1%
Load regulation VRTC
IO = 1 mA to 30 mA; VSYSIN = VBACKUP = 0 V
–3%
1%
Regulation time for VRTC
Load change from 10% to 90%
10
μs
Ilkg
Input leakage current at VSYSIN
VSYSIN < V_VSYSIN
2
μA
rDS(on) of VSYSIN switch
12.5
rDS(on) of VBACKUP switch
12.5
Input voltage range at VBACKUP(1)
2.73
3.75
V
Input voltage range at VSYSIN(1)
2.73
3.75
V
VSYSIN threshold
VSYSIN falling
–3%
2.55
3%
V
VSYSIN threshold
VSYSIN rising
–3%
2.65
3%
V
VBACKUP threshold
VBACKUP falling
–3%
2.55
3%
V
VBACKUP threshold
VBACKUP falling
–3%
2.65
3%
V
SUPPLY PIN: VINLDO
I(q)
Operating quiescent current
Current per LDO into VINLDO
16
30
μA
I(SD)
Shutdown current
Total current for both LDOs into VINLDO, VLDO = 0 V
0.1
1
μA
VDCDC1 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC1
2.5
6
V
IO
Maximum output current
1200
mA
I(SD)
Shutdown supply current in VINDCDC1
DCDC1_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC1 = V(GS) = 3.6 V
125
261
m
Ilkg
P-channel leakage current
VINDCDC1 = 6 V
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC1 = V(GS) = 3.6 V
130
260
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
(1)
Based on the requirements for the Intel PXA270 processor.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65022


Similar Part No. - TPS65022RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com