Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2560DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2560DRCR
Description  Dual Channel Precision Adjustable Current-limited Power Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2560DRCR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2560DRCR Datasheet HTML 1Page - Texas Instruments TPS2560DRCR Datasheet HTML 2Page - Texas Instruments TPS2560DRCR Datasheet HTML 3Page - Texas Instruments TPS2560DRCR Datasheet HTML 4Page - Texas Instruments TPS2560DRCR Datasheet HTML 5Page - Texas Instruments TPS2560DRCR Datasheet HTML 6Page - Texas Instruments TPS2560DRCR Datasheet HTML 7Page - Texas Instruments TPS2560DRCR Datasheet HTML 8Page - Texas Instruments TPS2560DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPS2560, TPS2561
SLVS930B – DECEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPS2560 TPS2561
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
(3)
Ambient over temperature shutdown threshold
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage on IN, OUTx, ENx or ENx, ILIM, FAULTx
–0.3
7
V
Voltage from IN to OUTx
–7
7
V
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Ratings
Continuous FAULTx sink current
25
mA
ILIM source current
Internally limited
TJ
Maximum junction temperature
–40
OTSD2(3)
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Surges per EN61000-4-2. 1999 applied to output terminals of EVM. These are passing test levels, not failure threshold.
7.3 ESD Ratings: Surge
VALUE
UNIT
V(ESD)
Electrostatic
discharge
IEC 61000-4-2 contact discharge(1)
±8000
V
IEC 61000-4-2 air-gap discharge(1)
±15000
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
6.5
V
VENx
TPS2560 enable voltage
0
6.5
V
VENx
TPS2561 enable voltage
0
6.5
V
VIH
High-level input voltage on ENx or ENx
1.1
V
VIL
Low-level input voltage on ENx or ENx
0.66
V
IOUTx
Continuous output current per channel
0
2.5
A
Continuous FAULTx sink current
0
10
mA
RILIM
Recommended resistor limit
20
187
k
TJ
Operating junction temperature
–40
125
°C


Similar Part No. - TPS2560DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560DRCR TI-TPS2560DRCR Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI-TPS2560DRCR Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
More results

Similar Description - TPS2560DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com