Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6203ER-2.5 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6203ER-2.5
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203ER-2.5 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6203ER-2.5 Datasheet HTML 5Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 6Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 7Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 8Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 9Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 10Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 11Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 12Page - Sipex Corporation SP6203ER-2.5 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
THEORY OF OPERATION: Continued
Turn On Time
The turn on response is split up in two separate
response categories: the wake up time (TWU)
and the settlling time (TS). The wake up time is
defined as the time it takes for the output to rise
to 2% of its total value after being released from
shutdown (EN > 0.4V). The settling time is
defined as the condition where the output reaches
98% of its total value after being released from
shutdown. The latter is also called the turn on
time and is dependent on the output capacitor, a
little bit on load and, if present, on a bypass
capacitor.
TJ(max) is the maximum junction temperature of
the die and is 125
°C. TA is the ambient tempera-
ture.
θJA is the junction-to-ambient thermal re-
sistance for the regulator and is layout depen-
dent. The SOT-23-5 package has a
θJA of
approximately 191
°C/W for minimum PCB cop-
per footprint area.
This results in a maximum power dissipation of:
PD(max) = [(125°C - 25°C)/(256°C/W)] = 390mW
The actual power dissipation of the regulator
circuit can be determined using one simple
equation:
PD = (VIN - VOUT) * IOUT + VIN * IGND
To prevent the device from entering thermal
shutdown. maximum power dissipation can not
be exceeded.
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the ap-
plication will give the maximum operating con-
ditions for the regulator circuit. For example, if
we are operating the SP6203 3.0V at room
temperature, with a minimum footprint layout
and and output current of 300mA, the maximum
input voltage can be determined, based on the
equation below. Ground pin current can be taken
from the electrical specifications table (0.23mA
at 300mA).
390mW = (VIN-3.0V) * 300mA + VIN *0.23mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 300mA of
output current in a SOT-23-5 package is 4.3V.
So if the intend is to operate a 5V output version
from a 6V supply at 300mA load and at a 25
°C
ambient temperature, then the actual total power
dissipation will be:
PD=([6V-5V]*[300mA])+(6V*0.23mA)=301.4mW
This is well below the 390mW package maxi-
mum. Therefore, the regulator can be used.
Turn Off Time
The turn off time is defined as the condition
where the output voltage drops about 66% (
θ) of
its total value. 5
θ to 7θ is the constant where the
output voltage drops nearly to zero. There will
always be a small voltage drop in shutdown
because of the switch unless we short-circuit it.
The turn off time of the output voltage is depen-
dent on load conditions, output capacitance on
VOUT (time constant τ = RLCL) and also on the
difference in voltage between input and output.
Thermal Considerations
The SP6203/6205 is designed to provide 300/
500 mA of continuous current in a tiny package.
Maximum power dissipation can be calculated
based on the output current and the voltage drop
across the part. To determine the maximum
power dissipation of the package, use the junc-
tion-to-ambient thermal resistance of the device
and the following basic equation:
PD = (TJ(max) - TA) / θJA
2%
t(s) = T(on)
98%
t(wu)
VOUT
VENABLE


Similar Part No. - SP6203ER-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203ER-2-5 SIPEX-SP6203ER-2-5 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2-5/TR SIPEX-SP6203ER-2-5/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2-7 SIPEX-SP6203ER-2-7 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2-7/TR SIPEX-SP6203ER-2-7/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2-8 SIPEX-SP6203ER-2-8 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
More results

Similar Description - SP6203ER-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com