Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2611 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2611
Description  Cuk Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2611 Datasheet(HTML) 1 Page - Texas Instruments

  LM2611 Datasheet HTML 1Page - Texas Instruments LM2611 Datasheet HTML 2Page - Texas Instruments LM2611 Datasheet HTML 3Page - Texas Instruments LM2611 Datasheet HTML 4Page - Texas Instruments LM2611 Datasheet HTML 5Page - Texas Instruments LM2611 Datasheet HTML 6Page - Texas Instruments LM2611 Datasheet HTML 7Page - Texas Instruments LM2611 Datasheet HTML 8Page - Texas Instruments LM2611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CIN: TAIYO YUDEN X5R JMK325BJ226MM
CCUK: TAIYO YUDEN X5R EMK316BJ105MF
COUT: TAIYO YUDEN X5R JMK325BJ226MM
D: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CR32-150
L2: SUMIDA CR32-470
CCUK
1 PF
COUT
22 PF
L2
47 PH
VIN
5V
D
CFF
330 pF
RFB1
29.4k
RFB2
10k
VIN
SW
NFB
GND
SHDN LM2611A
1
2
3
4
5
CIN
22 PF
L1
15 PH
VOUT - 5V
300 mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2611
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
LM2611 1.4-MHz Cuk Converter
1 Features
3 Description
The LM2611 is a current mode, PWM inverting
1
1.4-MHz Switching Frequency
switching regulator. Operating from a 2.7-V to 4-V
Low RDS(ON) DMOS FET
supply, it is capable of producing a regulated
1-mVp-p Output Ripple
negative output voltage of up to
−(36 VIN(MAX)). The
LM2611 utilizes an input and output inductor, which
−5 V at 300 mA From 5-V Input
enables low voltage ripple and RMS current on both
Better Regulation Than a Charge Pump
the input and the output. With a switching frequency
Uses Tiny Capacitors and Inductors
of 1.4 MHz, the inductors and output capacitor can be
physically small and low cost. High efficiency is
Wide Input Range: 2.7 V to 14 V
achieved through the use of a low RDS(ON) FET.
Low Shutdown Current: <1 µA
The LM2611 features a shutdown pin, which can be
5-Pin SOT-23 Package
activated when the part is not needed to lower the Iq
and save battery life. A negative feedback (NFB) pin
2 Applications
provides a simple method of setting the output
MR Head Bias
voltage, using just two resistors. Cycle-by-cycle
Digital Camera CCD Bias
current limiting and internal compensation further
simplify the use of the LM2611.
LCD Bias
The LM2611 is available as a small 5-pin, SOT-23
GaAs FET Bias
package and comes in two grades. Grade A has a
Positive to Negative Conversion
1.2-A current limit and 0.5-
Ω RDS(ON), and Grade B
has a 0.9-A current limit and 0.7-
Ω RDS(ON).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2611
SOT-23 (5)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611 NSC-LM2611 Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
LM2611AMF NSC-LM2611AMF Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611AMF NSC-LM2611AMF Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
LM2611AMFX NSC-LM2611AMFX Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
More results

Similar Description - LM2611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2611 1.4MHz Cuk Converter
logo
Supertex, Inc
AT9933 SUTEX-AT9933 Datasheet
515Kb / 9P
   Hysteretic Boost-Buck (cuk) LED Driver IC
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
   Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
Maxim Integrated Produc...
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Solid States Devices, I...
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
   CONVERTER
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
   CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
   Converter
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com