Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1044216 Datasheet(PDF) 2 Page - SICK AG

Part # 1044216
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1044216 Datasheet(HTML) 2 Page - SICK AG

  1044216 Datasheet HTML 1Page - SICK AG 1044216 Datasheet HTML 2Page - SICK AG 1044216 Datasheet HTML 3Page - SICK AG 1044216 Datasheet HTML 4Page - SICK AG 1044216 Datasheet HTML 5Page - SICK AG 1044216 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT20-N224B | DT20 Hi
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DT20-N224B
1044216
Other models and accessories
www.sick.com/DT20_Hi
Detailed technical data
Performance
Measuring range
100 mm ... 1,000 mm, 6 % ... 90 % remission
Resolution
1,000 µm 1) 2)
Repeatability
10 mm / 5 mm / 2.5 mm 1) 3) 4) 2)
Linearity
± 6 mm 5) 4) 2)
Response time
2,5 ms / 10 ms / 40 ms 3)
Measuring frequency
400 Hz
Light source
Laser, red
Laser class
2 (EN 60825-1)
Typ. light spot size (distance)
6 mm x 12 mm (1000 mm)
Additional function
Set moving average fast/medium/slow, switching mode: distance to object (DtO), teach-in of
switching output, Invertable switching output, teach-in of analog output, Invertable analog out-
put, Multifunctional input: laser off / external teach-in / deactivated, switch-off display, lock
user interface
1) 6 % ... 90 % remission.
2) The models with measuring range of 100 mm ... 1,000 mm meets the specification of the models with measuring range of 100 mm ... 1,000 mm for distances
< 600 mm.
3) Dependent on the averaging setting: fast/medium/slow.
4) When calibrated in the application regularly.
5) 90 % remission.
Interfaces
Analog output
1 x 4 mA ... 20 mA (≤ 300 Ω)
Resolution analog output
12 bit
Switching output
1 x NPN (100 mA) 1)
Multifunctional input (MF)
1 x MF 2)
Data interface
1 x 4 mA ... 20 mA (< 300 Ω)
1) PNP: HIGH = VS - (< 2 V) / LOW = < 2 V; NPN: HIGH = < 2 V / LOW = VS.
2) MF can be used as laser-off, external teach-in or deactivated.


Similar Part No. - 1044216

ManufacturerPart #DatasheetDescription
logo
Heyco.
10442 HEYCO-10442 Datasheet
111Kb / 1P
   Nylon PCB Supports - Metric Reverse Locking
logo
Lapp.
10442000 LAPP-10442000 Datasheet
121Kb / 2P
   EPIC® H-A 10 AG-LB
17.09.2018
logo
SICK AG
1044203 SICK-1044203 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
1044253 SICK-1044253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
1044254 SICK-1044254 Datasheet
688Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - 1044216

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com