Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5KP130A-G Datasheet(PDF) 4 Page - Comchip Technology

Part # A5KP130A-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A5KP130A-G Datasheet(HTML) 4 Page - Comchip Technology

  A5KP130A-G Datasheet HTML 1Page - Comchip Technology A5KP130A-G Datasheet HTML 2Page - Comchip Technology A5KP130A-G Datasheet HTML 3Page - Comchip Technology A5KP130A-G Datasheet HTML 4Page - Comchip Technology A5KP130A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A5KP110
A-G
(C)
A5KP120
A-G
(C)
A5KP100
A-G
(C)
A5KP90
A-G
(C)
5KP110A
5KP120A
5KP100A
5KP90A
5KP110CA
5KP120CA
5KP100CA
5KP90CA
A5KP140
A-G
(C)
A5KP150
A-G
(C)
A5KP160
A-G
(C)
A5KP170
A-G
(C)
5KP140A
5KP150A
5KP160A
5KP170A
5KP140CA
5KP150CA
5KP160CA
5KP170CA
A5KP180
A-G
(C)
A5KP190
A-G
(C)
5KP180A
5KP190A
5KP180CA
5KP190CA
5KP130A
5KP130CA
A5KP130
A-G
(C)
A5KP200
A-G
(C)
5KP200A
5KP200CA
A5KP210
A-G
(C)
5KP210A
5KP210CA
A5KP220
A-G
(C)
A5KP250
A-G
(C)
5KP220A
5KP250A
5KP220CA
5KP250CA
A5KP300
A-G
(C)
5KP300A
5KP300CA
A5KP350
A-G
(C)
5KP350A
5KP350CA
A5KP400
A-G
(C)
A5KP440
A-G
(C)
5KP400A
5KP440A
5KP400CA
5KP440CA
5000W Transient Voltage Suppressor
Page 4
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (A5KP-G Series)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking Code
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Min.
IT
Max.
28.25
25.91
30.86
34.25
22.05
20.58
19.31
18.18
17.15
16.24
23.92
15.43
14.31
14.04
12.35
10.29
8.82
7.72
7.01
110.0
120.0
100.0
90.0
140.0
150.0
160.0
170.0
180.0
190.0
130.0
200.0
210.0
220.0
250.0
300.0
350.0
400.0
440.0
122.00
133.00
111.00
100.00
135.00
147.00
123.00
111.00
155.00
167.00
178.00
189.00
171.00
185.00
197.00
209.00
200.00
211.00
220.00
232.00
144.00
159.00
224.00
247.00
233.00
258.00
246.00
279.00
272.00
309.00
335.00
371.00
391.00
432.00
447.00
492.00
494.00
543.00
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
177.0
193.0
162.0
146.0
226.8
243.0
259.0
275.0
291.6
307.8
209.0
324.0
349.5
356.0
405.0
486.0
567.0
648.0
713.0
1) Suffix A denotes 5% tolerance devices.
Note:
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
AQW-BTV06
REV:B


Similar Description - A5KP130A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com