Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR12C60D Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # NFR12C60D
Description  12.0 Ampere Positive Polarity Common Cathode Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

NFR12C60D Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  NFR12C60D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. NFR12C60D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
12
5
10
6
10
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
NFR12C20C
NFR12C40C
NFR12C60C
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
7
2
®
NFR12C20C thru NFR12C60C


Similar Part No. - NFR12C60D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
NFR12C60D THINKISEMI-NFR12C60D Datasheet
611Kb / 2P
   12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
NFR12C60D THINKISEMI-NFR12C60D Datasheet
294Kb / 2P
   12.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
More results

Similar Description - NFR12C60D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F12C20CT THINKISEMI-F12C20CT Datasheet
621Kb / 2P
   12.0 Ampere Common Cathode Fast Recovery Rectifier Diode
F12C20C THINKISEMI-F12C20C Datasheet
616Kb / 2P
   12.0 Ampere Common Cathode Fast Recovery Rectifier Diode
NFR12C20A THINKISEMI-NFR12C20A Datasheet
611Kb / 2P
   12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
NFR12C60A THINKISEMI-NFR12C60A Datasheet
611Kb / 2P
   12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
F12C20C THINKISEMI-F12C20C_V01 Datasheet
334Kb / 2P
   12.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
MURF1220CT THINKISEMI-MURF1220CT Datasheet
652Kb / 2P
   12.0 Ampere Isolated Dual Common Cathode Fast Recovery Rectifiers
NFR12C20C THINKISEMI-NFR12C20C_V01 Datasheet
300Kb / 2P
   12.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
U12C20C THINKISEMI-U12C20C_18 Datasheet
274Kb / 2P
   12.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
NFR12C20D THINKISEMI-NFR12C20D Datasheet
611Kb / 2P
   12.0 Ampere Insulated Package Doubler Polarity Fast Recovery Rectifier
MUR1220FCT THINKISEMI-MUR1220FCT Datasheet
279Kb / 2P
   12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com